Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8609SEVPBF Datasheet HTML 11Page - Analog Devices LT8609SEVPBF Datasheet HTML 12Page - Analog Devices LT8609SEVPBF Datasheet HTML 13Page - Analog Devices LT8609SEVPBF Datasheet HTML 14Page - Analog Devices LT8609SEVPBF Datasheet HTML 15Page - Analog Devices LT8609SEVPBF Datasheet HTML 16Page - Analog Devices LT8609SEVPBF Datasheet HTML 17Page - Analog Devices LT8609SEVPBF Datasheet HTML 18Page - Analog Devices LT8609SEVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT8609S
15
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Input Capacitor
Bypass the input of the LT8609S circuit with a ceramic
capacitor of X7R or X5R type. Y5V types have poor per-
formance over temperature and applied voltage, and
should not be used. A 4.7μF to 10μF ceramic capacitor
is adequate to bypass the LT8609S and will easily handle
the ripple current. Note that larger input capacitance is
required when a lower switching frequency is used. If the
input power source has high impedance, or there is sig-
nificant inductance due to long wires or cables, additional
bulk capacitance may be necessary. This can be provided
with a low performance electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage rip-
ple at the LT8609S and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 4.7μF capacitor is capable of this task, but only if it is
placed close to the LT8609S (see the PCB Layout sec-
tion). A second precaution regarding the ceramic input
capacitor concerns the maximum input voltage rating of
the LT8609S. A ceramic input capacitor combined with
trace or cable inductance forms a high quality (under
damped) tank circuit. If the LT8609S circuit is plugged
into a live supply, the input voltage can ring to twice its
nominal value, possibly exceeding the LT8609S’s voltage
rating. This situation is easily avoided (see Analog Devices
Application Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8609S to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8609S’s control loop. Ceramic capacitors
have very low equivalent series resistance (ESR) and pro-
vide the best ripple performance. A good starting value is:
COUT =
100
VOUT • fSW
where fSW is in MHz, and COUT is the recommended output
capacitance in μF. Use X5R or X7R types. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a higher
value output capacitor and the addition of a feedforward
capacitor placed between VOUT and FB. Increasing the out-
put capacitance will also decrease the output voltage rip-
ple. A lower value of output capacitor can be used to save
space and cost but transient performance will suffer and
may cause loop instability. See the Typical Applications in
this data sheet for suggested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramiccapacitorsaresmall,robustandhaveverylowESR.
However, ceramic capacitors can cause problems when
used with the LT8609S due to their piezoelectric nature.
When in Burst Mode operation, the LT8609S’s switching
frequency depends on the load current, and at very light
loads the LT8609S can excite the ceramic capacitor at audio
frequencies, generating audible noise. Since the LT8609S
operates at a lower current limit during Burst Mode
operation, the noise is typically very quiet to a casual ear.
If this is unacceptable, use a high performance tantalum
or electrolytic capacitor at the output.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8609S. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high quality
(under damped) tank circuit. If the LT8609S circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8609S’s
rating. This situation is easily avoided (see Analog Devices
Application Note 88).
Enable Pin
The LT8609S is in shutdown when the EN pin is low and
active when the pin is high. The rising threshold of the EN
comparator is 1.05V, with 50mV of hysteresis. The EN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com