Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 20 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 16Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 17Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 18Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 19Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 20Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 21Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 22Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 23Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
USB5807C
DS00003182B-page 20
2019 - 2021 Microchip Technology Inc.
3.5.2
PORT DISABLE CONFIGURATION (
PRT_DIS_P[7:1] / PRT_DIS_M[7:1])
The
PRT_DIS_P[7:1] and PRT_DIS_M[7:1] configuration straps are used in conjunction to disable the related port (7-1).
For
PRT_DIS_Px (where x is the corresponding port 7-1):
0 = Port x D+ Enabled
1 = Port x D+ Disabled
For
PRT_DIS_Mx (where x is the corresponding port 7-1):
0 = Port x D- Enabled
1 = Port x D- Disabled
200 kΩ Pull-Up
CONFIG2
Speed Indicator Mode + SMBus Slave Mode
The SMBus interface will operate in Slave Mode for use with hub configuration.
The following programmable pins will be re-purposed as USB Speed Indicator
outputs:
Pin 63:
SPEED_IND1
Pin 61:
SPEED_IND2
Pin 56:
SPEED_IND3
Pin 60:
SPEED_IND4
Pin 50:
SPEED_IND5
Pin 71:
SPEED_IND6
Pin 55:
SPEED_IND7
The
SPEED_INDx pins operate in the following manner:
Tri-state: Not connected
0: USB 2.0 / USB 1.1
1: USB 3.2 Gen 1
10 kΩ Pull-Down
CONFIG3
Unused, Reserved
10 kΩ Pull-Up
CONFIG4
Unused, Reserved
10 Ω Pull-Down
CONFIG5
Battery Charging Indicator Mode
The following programmable pins will be re-purposed as USB Battery Charging
Indicator outputs:
Pin 63:
BC_IND1
Pin 61:
BC_IND2
Pin 56:
BC_IND3
Pin 60:
BC_IND4
Pin 50:
BC_IND5
Pin 71:
BC_IND6
Pin 55:
BC_IND7
The
BC_INDx pins operate in the following manner:
Tri-state: Battery Charging not enabled
0: Battery Charging enabled and successful BC handshake has occurred.
1: Battery Charging enabled, but no BC handshake has occurred.
10 Ω Pull-Up
CONFIG6
Unused, Reserved
TABLE 3-11: CFG_STRAP RESISTOR ENCODING (CONTINUED)
CFG_STRAP
Resistor Value
Config
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com