Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 14 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 10Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 11Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 12Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 13Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 14Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 15Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 16Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 17Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
USB5807C
DS00003182B-page 14
2019 - 2021 Microchip Technology Inc.
TABLE 3-5:
SPI INTERFACE
Name
Symbol
Buffer
Type
Description
SPI Chip Enable
SPI_CE_N
I/O12
This is the active low SPI chip enable output. If the SPI
interface is enabled, this pin must be driven high in
power-down states.
SPI Clock
SPI_CLK
I/O-U
This is the SPI clock out to the serial ROM. If the SPI
interface is disabled, by setting the SPI_DIS-ABLE bit in
the UTIL_CONFIG1 register, this pin becomes
GPIO4. If
the SPI interface is enabled this pin must be driven low
during reset.
SPI Data Output
SPI_DO
I/O-U
SPI data output, when configured for SPI operation.
SPI Data Input
SPI_DI
I/O-U
SPI data input, when configured for SPI operation.
Note:
If SPI memory device is not used, these pins may not be simply floated. These pins must be handled per
their respective alternate pin functions descriptions (C_ATTACH2, C_ATTACH3, CFG_BC_EN,
CFG_NON_REM).
TABLE 3-6:
USB TYPE-C CONNECTOR CONTROLS
Name
Symbol
Buffer
Type
Description
USB Type-C
Attach Control
Input 0-3
C_ATTACH[0:3]
I
(PD)
USB Type-C attach control input.
This pin indicates to the hub when a valid USB Type-C
attach has been detected. This pin is used by the hub to
enable the USB 3.2 Gen 1 PHY when a Type-C connec-
tion is present. When there is no USB Type-C connection
present, the USB 3.2 Gen 1 PHY is disabled to reduce
power consumption.
This pin behaves as follows:
- 1: USB Type-C attach detected, turn respective
USB 3.2 Gen 1 PHY on.
- 0: No USB Type-C attach detected, turn respec-
tive USB 3.2 Gen 1 PHY off.
When using legacy USB Type-A and Type-B connectors,
pull these pins to 3.3V to permanently enable all USB 3.2
PHYs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com