Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 45 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 41Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 42Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 43Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 44Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 45Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 46Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 47Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 48Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 45
USB5807C
10.6.4
USB TIMING
All device USB signals confirm to the voltage, power, and timing characteristics/specifications as set forth in the Univer-
sal Serial Bus Specification. Please refer to the Universal Serial Bus Revision 3.1 Specification, available at http://
www.usb.org/developers/docs.
10.6.5
I2C TIMING
All device I2C signals confirm to the 100KHz Standard Mode (Sm) voltage, power, and timing characteristics/specifica-
tions as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com/
documents/user_manual/UM10204.pdf.
10.6.6
SMBUS TIMING
All device SMBus signals confirm to the voltage, power, and timing characteristics/specifications as set forth in the Sys-
tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available
at http://smbus.org/specs.
10.6.7
SPI TIMING
This section specifies the SPI timing requirements for the device.
FIGURE 10-5:
SPI TIMING
TABLE 10-8: SPI TIMING (30 MHZ OPERATION)
Symbol
Description
Min
Typ
Max
Units
tfc
Clock frequency
30
MHz
tceh
Chip enable (
SPI_CE_EN) high time
100
ns
tclq
Clock to input data
13
ns
tdh
Input data hold time
0
ns
tos
Output setup time
5
ns
toh
Output hold time
5
ns
tov
Clock to output valid
4
ns
tcel
Chip enable (
SPI_CE_EN) low to first clock
12
ns
tceh
Last clock to chip enable (
SPI_CE_EN) high
12
ns
TABLE 10-9: SPI TIMING (60 MHZ OPERATION)
Symbol
Description
Min
Typ
Max
Units
tfc
Clock frequency
60
MHz
SPI_CLK
SPI_DI
SPI_DO
SPI_CE_N
tcel
tfc
tclq
tceh
tdh
toh
tos
tov
toh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com