Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 32 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 28Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 29Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 30Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 31Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 32Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 33Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 34Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 35Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
USB5807C
DS00003182B-page 32
2019 - 2021 Microchip Technology Inc.
8.7.1
PORT CONNECTION IN GANGED MODE
Ganged Mode is enabled via SMBus or OTP configuration.
GANG_PWR becomes the port control (PRTCTL) pin for all
downstream ports when the hub is configured for ganged port power control mode. All port power controllers should be
controlled from this pin when the hub is configured for ganged port power mode. While in this mode of operation, an
over-current event on any single downstream port will cause all downstream ports to be flagged for over-current.
8.7.2
PORT CONNECTION IN INDIVIDUAL MODE
8.7.2.1
Port Power Control using USB Power Switch
Individual mode is the default mode of operation. When operating in individual mode, the device will have one port power
control and over-current sense pin for each downstream port. When disabling port power, the driver will actively drive a
'0'. To avoid unnecessary power dissipation, the pull-up resistor will be disabled at that time. When port power is
enabled, it will disable the output driver and enable the pull-up resistor, making it an open drain output. If there is an
over-current situation, the USB Power Switch will assert the open drain OCS signal. The Schmidt trigger input will rec-
ognize that as a low. The open drain output does not interfere. The over-current sense filter handles the transient con-
ditions such as low voltage while the device is powering up.
When the port is enabled, the
PRT_CTLx pin input is constantly sampled. Overcurrent events can be detected in one
of two ways:
• Single, continuous low pulse (consecutive low samples over tocs_single), as shown in Figure 8-5.
• Two short low pulses within a rolling window (two groupings of 1 or more low samples over tocs_double), as shown
in Figure 8-6.
FIGURE 8-4:
PORT POWER CONTROL WITH USB POWER SWITCH
FIGURE 8-5:
SINGLE LOW PULSE OVERCURRENT DETECTION
USB Power
Switch
50k
PRTPWR
EN
OCS
OCS
Pull‐Up Enable
5V
USB 
Device
FILTER
PRT_CTLx
PRT_CTLx
IS VIL
tocs_single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com