Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 36 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 32Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 33Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 34Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 35Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 36Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 37Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 38Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 39Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
USB5807C
DS00003182B-page 36
2019 - 2021 Microchip Technology Inc.
8.8
Port Split
8.8.1
FEATURE OVERVIEW
This feature allows the USB 2.0 and USB 3.2 Gen 1 PHYs associated with any downstream port to be operationally
separated. The intention of this feature is to allow a system designer to connect an embedded USB 3.x device to the
USB 3.2 Gen 1 PHY, while allowing the USB 2.0 PHY to be used as either a standard USB 2.0 port or with a separate
embedded USB 2.0 device.
This feature operates outside of the provisions of the USB specifications. Operation is intended for specialized applica-
tions only. Contact your local sales representative for additional information.
In order to maintain a positive end user experience, it is recommended that only permanently attached, embedded USB
3.x devices be connected to the USB 3.2 Gen 1 PHY when enabling the Port Split feature. This prevents end users from
attempting to connect USB High-Speed, Full-Speed, or Low-Speed devices to an exposed USB port which only has USB
3.2 Gen 1 connections.
8.8.2
PORT SPLITTING CONFIGURATION
Downstream ports 5 and 6 may be configured for Port Splitting. Port Splitting is configured via register configuration
through SMBus during the hub configuration stage (SOC_CFG) or via the hub’s internal OTP memory.
When Port Splitting is enabled, the existing
PRT_CTLx pin associated with that port will continue to control the USB 2.0
portion of the port in an identical matter. A new pin function assigned to a
GPIOx pin will be activated and configured to
control the USB 3.2 Gen 1 portion of the port. This new pin is named
PRTPWRx_USB3_SPLIT where x indicates the
respective port. Note that overcurrent detection is not supported on the
PRTPWRx_USB3_SPLIT pin. These new pins
are assigned as shown in Table 8-5.
FIGURE 8-10:
RECOMMENDED PORT SPLITTING CONFIGURATIONS
USB
Power
Switch
EN
OCS
5V
USB2.0 
Device
USB58xx/
USB59xx
PRTCTLx
VBUS
Embedded 
USB3.x Device
EN
PRTPWRx_USB3_SPLIT
(GPIOxx)
USB58xx/
USB59xx
PRTCTLx
Embedded 
USB3.x Device
EN
PRTPWRx_USB3_SPLIT
(GPIOxx)
Embedded 
USB2.0 Device
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com