Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 31 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 27Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 28Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 29Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 30Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 31Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 32Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 33Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 34Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 31
USB5807C
8.4.3
USB BUS RESET
In response to the upstream port signaling a reset to the device, the device performs the following:
1. Sets default address to 0.
2. Sets configuration to Unconfigured.
3. Moves device from suspended to active (if suspended).
4. Complies with the USB Specification for behavior after completion of a reset sequence.
The host then configures the device in accordance with the USB Specification.
8.5
Link Power Management (LPM)
The device supports the L0 (On), L1 (Sleep), and L2 (Suspend) link power management states. These supported LPM
states offer low transitional latencies in the tens of microseconds versus the much longer latencies of the traditional USB
suspend/resume in the tens of milliseconds. The supported LPM states are detailed in Table 8-1.
8.6
Remote Wakeup Indicator
The remote wakeup indicator feature uses
SUSP_IND as a side band signal to wake up the host when in USB 2.0 sus-
pend. This feature is enabled and disabled via the HUB_RESUME_INHIBIT configuration bit in the hub configuration
space register HUB_CFG_3. The only way to control the bit is by configuration EEPROM, SMBus or internal ROM
default setting. The state is only modified during a power on reset, or hardware reset. No dynamic reconfiguring of this
capability is possible.
When HUB_RESUME_INHIBIT = ‘0’, Normal Resume Behavior per the USB 2.0 specification
When HUB_RESUME_INHIBIT = ‘1’, Modified Resume Behavior is enabled
8.7
Port Control Interface
Port power and over-current sense share the same pin (
PRT_CTLx) for each port. These functions can be controlled
directly from the USB hub, or via the processor. Additionally, smart port controllers can be controlled via the I2C inter-
face.
The device can be configured into one of the two following port control modes:
•
Ganged Mode - A single GANG_PWR pin controls power and detects over-current events for all downstream
ports.
•
Individual Mode - Each port has an individual PRT_CTLx pin for independent port power control and over-current
detection.
Port connection in various modes are detailed in the following subsections.
Note:
The device does not propagate the upstream USB reset to downstream devices.
TABLE 8-1:
LPM STATE DEFINITIONS
State
Description
Entry/Exit Time to L0
L2
Suspend
Entry: ~3 ms
Exit: ~2 ms (from start of RESUME)
L1
Sleep
Entry: <10 us
Exit: <50 us
L0
Fully Enabled (On)
-
Note:
The
SUSP_IND signal only indicates the USB2.0 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com