Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT-I/KD Datasheet(PDF) 21 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 17Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 18Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 19Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 20Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 21Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 22Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 23Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 24Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 21
USB5807C
3.5.3
NON-REMOVABLE PORT CONFIGURATION (
CFG_NON_REM)
The
CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of
five settings. These modes are selected by the configuration of an external resistor on the
CFG_NON_REM pin. The
resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull-
up as shown in Table 3-12.
3.5.4
BATTERY CHARGING CONFIGURATION (
CFG_BC_EN)
The
CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of five
settings. These modes are selected by the configuration of an external resistor on the
CFG_BC_EN pin. The resistor
options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull-up as
shown in Table 3-13.
3.5.5
GENERAL PURPOSE INPUT/OUTPUT CONFIGURATION (
GPIOx)
General Purpose Inputs/Outputs may be used for application specific purposes. Any given GPIO may operate as an
input or an output. Inputs can apply an internal 50k
Ω pull-down or pull-up resistor. Outputs may drive low or drive high
(3.3V). GPIOs may be configured and manipulated via SMBus.
3.5.5.1
SMBus configuration
The SMBus slave interface may be used to write to internal registers that configure the state of the GPIO. Refer to the
“Configuration Options for Microchip USB58xx and USB59xx Hubs” application note for additional details.
Note:
Both
PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable
the associated downstream port. Disabling the USB 2.0 port will also disable the corresponding USB 3.2
Gen 1 port.
TABLE 3-12: CFG_NON_REM RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
All ports removable
200 kΩ Pull-Up
Port 1 non-removable
10 kΩ Pull-Down
Port 1, 2 non-removable
10 kΩ Pull-Up
Port 1, 2, 3, non-removable
10 Ω Pull-Down
Port 1, 2, 3, 4 non-removable
10 Ω Pull-Up
Port 1, 2, 3, 4, 5, 6, 7 non-removable
TABLE 3-13: CFG_BC_EN RESISTOR ENCODING
CFG_BC_EN Resistor Value
Setting
200 kΩ Pull-Down
No battery charging
200 kΩ Pull-Up
Port 1 battery charging
10 kΩ Pull-Down
Port 1, 2 battery charging
10 kΩ Pull-Up
Port 1, 2, 3, battery charging
10 Ω Pull-Down
Port 1, 2, 3, 4 battery charging
10 Ω Pull-Up
Port 1, 2, 3, 4, 5, 6, 7 battery charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com