Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 67Page - STMicroelectronics STM32G431C6 Datasheet HTML 68Page - STMicroelectronics STM32G431C6 Datasheet HTML 69Page - STMicroelectronics STM32G431C6 Datasheet HTML 70Page - STMicroelectronics STM32G431C6 Datasheet HTML 71Page - STMicroelectronics STM32G431C6 Datasheet HTML 72Page - STMicroelectronics STM32G431C6 Datasheet HTML 73Page - STMicroelectronics STM32G431C6 Datasheet HTML 74Page - STMicroelectronics STM32G431C6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 198 page
background image
DS12589 Rev 6
71/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3
Operating conditions
5.3.1
General operating conditions
Table 17. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
170
MHz
fPCLK1
Internal APB1 clock frequency
-
0
170
fPCLK2
Internal APB2 clock frequency
-
0
170
VDD
Standard operating voltage
-
1.71(1)
3.6
V
VDDA
Analog supply voltage
ADC or COMP used
1.62
3.6
V
DAC 1 MSPS or DAC 15 MSPS
1.71
OPAMP used
2.0
3.6
VREFBUF used
2.4
3.6
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6
V
VIN
I/O input voltage
TT_xx I/O
-0.3
VDD+0.3
V
FT_c I/O
-0.3
5
All I/O except TT_xx and FT_c
-0.3
MIN(MIN(VDD,
VDDA)+3.6 V,
5.5 V)(2)(3)
PD
Power dissipation
See Section 6.10: Thermal characteristics for application
appropriate thermal resistance and package.
Power dissipation is then calculated according ambient
temperature (TA) and maximum junction temperature (TJ) and
selected thermal resistance.
mW
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
-40
85
°C
Low-power dissipation(4)
-40
105
Ambient temperature for the
suffix 3 version
Maximum power dissipation
-40
125
Low-power dissipation(4)
-40
130
TJ
Junction temperature range
Suffix 6 version
-40
105
°C
Suffix 3 version
-40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA)+3.6 V and 5.5V.
3. For operation with voltage higher than Min (VDD, VDDA) +0.3 V, the internal Pull-up and Pull-Down resistors must be
disabled.
4. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 6.10:
Thermal characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com