Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 89Page - STMicroelectronics STM32G431C6 Datasheet HTML 90Page - STMicroelectronics STM32G431C6 Datasheet HTML 91Page - STMicroelectronics STM32G431C6 Datasheet HTML 92Page - STMicroelectronics STM32G431C6 Datasheet HTML 93Page - STMicroelectronics STM32G431C6 Datasheet HTML 94Page - STMicroelectronics STM32G431C6 Datasheet HTML 95Page - STMicroelectronics STM32G431C6 Datasheet HTML 96Page - STMicroelectronics STM32G431C6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 198 page
background image
DS12589 Rev 6
93/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 34. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 14:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 34. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 34. Peripheral current consumption
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit
AHB
Bus Matrix
5.31
5.00
4.07
4.97
µA/MHz
AHB1
DMA1
3.21
2.95
2.45
2.68
µA/MHz
DMA2
3.10
2.86
2.37
2.59
DMAMUX
7.48
6.97
5.74
6.43
CORDIC
1.61
1.50
1.24
1.34
FMAC
3.70
3.47
2.86
3.27
FLASH
6.10
5.66
4.64
5.33
SRAM1
0.31
0.32
0.26
0.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com