Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 28Page - STMicroelectronics STM32G431C6 Datasheet HTML 29Page - STMicroelectronics STM32G431C6 Datasheet HTML 30Page - STMicroelectronics STM32G431C6 Datasheet HTML 31Page - STMicroelectronics STM32G431C6 Datasheet HTML 32Page - STMicroelectronics STM32G431C6 Datasheet HTML 33Page - STMicroelectronics STM32G431C6 Datasheet HTML 34Page - STMicroelectronics STM32G431C6 Datasheet HTML 35Page - STMicroelectronics STM32G431C6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
32/198
DS12589 Rev 6
3.21
Comparators (COMP)
The STM32G431x6/x8/xB devices embed four rail-to-rail comparators with programmable
reference voltage (internal or external), hysteresis.
The reference voltage can be one of the following:
•
External I/O
•
DAC output channels
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4).
All comparators can wake up from Stop mode, generate interrupts and breaks for the timers.
3.22
Operational amplifier (OPAMP)
The STM32G431x6/x8/xB devices embed three operational amplifiers with external or
internal follower routing and PGA capability.
The operational amplifier features:
•
13 MHz bandwidth
•
Rail-to-rail input/output
•
PGA with a non-inverting gain ranging of 2, 4, 8, 16, 32 or 64 or inverting gain ranging
of -1, -3, -7, -15, -31 or -63
3.23
Random number generator (RNG)
All devices embed an RNG that delivers 32-bit random numbers generated by an integrated
analog circuit.
3.24
Timers and watchdogs
The STM32G431x6/x8/xB devices include two advanced motor control timers, up to six
general-purpose timers, two basic timers, one low-power timer, two watchdog timers and a
SysTick timer. The table below compares the features of the advanced motor control,
general purpose and basic timers.
Table 7. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
motor
control
TIM1, TIM8
16-bit
Up,
down,
Up/down
Any integer
between 1 and
65536
Yes
4
4
General-
purpose
TIM2
32-bit
Up,
down,
Up/down
Any integer
between 1 and
65536
Yes
4
No
General-
purpose
TIM3, TIM4
16-bit
Up,
down,
Up/down
Any integer
between 1 and
65536
Yes
4
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com