Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 78Page - STMicroelectronics STM32G431C6 Datasheet HTML 79Page - STMicroelectronics STM32G431C6 Datasheet HTML 80Page - STMicroelectronics STM32G431C6 Datasheet HTML 81Page - STMicroelectronics STM32G431C6 Datasheet HTML 82Page - STMicroelectronics STM32G431C6 Datasheet HTML 83Page - STMicroelectronics STM32G431C6 Datasheet HTML 84Page - STMicroelectronics STM32G431C6 Datasheet HTML 85Page - STMicroelectronics STM32G431C6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 198 page
background image
Table 25. Typical current consumption in Run and Low-power run modes, with different codes
running from SRAM2
Symbol
Parameter
Conditions
Code
TYP 25°C
Unit
TYP 25°C
Unit
-
Voltage scaling
Single bank
mode
Single
bank
mode
IDD (Run)
Supply current in
Run mode
fHCLK = fHSE up to 48 MHZ
included, bypass mode
PLL ON above 48 MHz all
peripherals disable
Range2
fHCLK=26 MHz
Pseudo-dhrystone
2.40
mA
92
µA/MHz
Coremark
2.50
mA
96
Dhrystone2.1
2.40
mA
92
Fibonacci
2.35
mA
90
While(1)
2.25
mA
87
Range 1
fHCLK= 150 MHz
Pseudo-dhrystone
15.5
mA
103
µA/MHz
Coremark
16.5
mA
110
Dhrystone2.1
15.5
mA
103
Fibonacci
15.5
mA
103
While(1)
14.5
mA
97
Range 1
Boost mode
fHCLK= 170 MHz
Pseudo-dhrystone
19.0
mA
112
µA/MHz
Coremark
20.0
mA
118
Dhrystone2.1
19.0
mA
112
Fibonacci
19.0
mA
112
While(1)
18.0
mA
106
IDD
(LPRun)
Supply current in
Low-power run
SYSCLK source is HSI
fHCLK = 2 MHz
all peripherals disable
Pseudo-dhrystone
835
µA
418
µA/MHz
Coremark
825
µA
413
Dhrystone2.1
830
µA
415
Fibonacci
830
µA
415
While(1)
815
µA
408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com