Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 12Page - STMicroelectronics STM32G431C6 Datasheet HTML 13Page - STMicroelectronics STM32G431C6 Datasheet HTML 14Page - STMicroelectronics STM32G431C6 Datasheet HTML 15Page - STMicroelectronics STM32G431C6 Datasheet HTML 16Page - STMicroelectronics STM32G431C6 Datasheet HTML 17Page - STMicroelectronics STM32G431C6 Datasheet HTML 18Page - STMicroelectronics STM32G431C6 Datasheet HTML 19Page - STMicroelectronics STM32G431C6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 198 page
background image
Description
STM32G431x6 STM32G431x8 STM32G431xB
16/198
DS12589 Rev 6
Figure 1. STM32G431x6/x8/xB block diagram
1. AF: alternate function on I/O pins.
GPIO PORT A
AHB/APB2
USART 2MBps
EXT IT. WKUP
140 AFP
USART 2MBps
GPIO PORT B
PB(15:0)
USART 2MBps
GPIO PORT C
PC(15:0)
USART 2MBps
RX, TX, SCK,CTS,
RTS as AF
USART 2MBps
GPIO PORT D
PD(15:0)
USART 2MBps
GPIO PORT E
PE(15:0)
USART 2MBps
SPI 1
MOSI, MISO
SCK, NSS as AF
4 CH, ETR as AF
TIMER2
4 CH, ETR as AF
TIMER3&4
RX, TX, SCK,
CTS, RTS as AF
USART2&3
UART4
MOSI, MISO, SCK
SPI2&3
NSS, as AF
OUT1/OUT2
DAC1
TIMER6
RTC_OUT
RTC_TS
RTC_TAMPx
OSC_IN
OSC_OUT
VDD, VSS,
VDDA, VSSA,
RESET
VBAT = 1.55 to 3.6V
AHB/APB1
JTAG & SW
Arm
®
Cortex-M4
170MHz
S-BUS
ETM
MPU
TRACECK
TRACED(3:0)
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
GP-DMA2
GP-DMA1
6 Chan
FLASH 128 KB
@VDDA
POR / BOR
SUPPLY
@VDD
SUPERVISION
Reset
Int
POR
XTAL OSC
4-48MHz
XTAL 32kHz
RTC
AWU
BKPREG
LSI
Standby Interface
IWDG
@VBAT
@VDD
RESET&
CLOCKCTRL
PLL
VDD = 1.71 to 3.6V
VSS
VOLT. REG.
3.3V TO 1.2V
VDD12
POWER MNGT
peripheralclocks
RTC Interface
FPU
WinWATCHDOG
and system
LP timer1
AHB2
SAR ADC2
Ain ADC
SysCfg
CRC
LP_UART1
I2C1&2&3
SCL, SDA, SMBAL as AF
RNG
RNB1
analog
COMP
1,2,3,4
SRAM2 6 KB
PWRCTRL
CAN1
RX,TX as AF
Vref_Buf
CRS
6 Chan
SRAM1 16 KB
CCM SRAM 10 KB
DMAMUX
HSI
SAR ADC1
IF
@VDDA
16b trigg
TIMER7
16b trigg
USBPD
CC1
CC2
HSI48
CH2
USB
Device
D+
D-
I2S half
duplex
CH1
OPAMP
1,2,3
USART 2MBps
GPIO PORT F
PF(10:9,2:0)
DAC3
CH2
CH1
USART 2MBps
GPIO PORT G
PG(10:10)
CORDIC
FMAC
SAI1
FS, SCK, SD,
MCLK as AF
MSv62521V2
irDA
Smcard
irDA
RX, TX, CTS,
RTS as AF
RX, TX as AF
OSC32_IN
OSC_OUT
@VDDA
NVIC
I-BUS
D-BUS
PVD, PWM
PA(15:0)
TIMER1
16b PWM
TIMER8
16b PWM
USART 2MBps
CH as AF
TIMER15
16b
USART 2MBps
CH as AF
TIMER16
16b
USART 2MBps
TIMER17
CH as AF16b
16b
4 PWM,4PWM,
ETR,BKIN as F
4 PWM,4PWM,
ETR,BKIN as F
USART1
Smcard
irDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com