Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 87Page - STMicroelectronics STM32G431C6 Datasheet HTML 88Page - STMicroelectronics STM32G431C6 Datasheet HTML 89Page - STMicroelectronics STM32G431C6 Datasheet HTML 90Page - STMicroelectronics STM32G431C6 Datasheet HTML 91Page - STMicroelectronics STM32G431C6 Datasheet HTML 92Page - STMicroelectronics STM32G431C6 Datasheet HTML 93Page - STMicroelectronics STM32G431C6 Datasheet HTML 94Page - STMicroelectronics STM32G431C6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 198 page
background image
Table 33. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VBAT
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(VBAT)
Backup domain
supply current
RTC
disabled
1.8 V
4.00
21.0
105
280
685
----
-
nA
2.4 V
5.00
24.0
120
310
765
----
-
3 V
6.00
28.0
140
360
865
----
-
3.6 V
15.0
54.0
240
615
1500
----
-
RTC
enabled and
clocked by
LSE
bypassed at
32768 Hz
1.8 V
270
275
330
475
-----
-
2.4 V
385
400
490
690
-----
-
3 V
725
865
1150
1550
-----
-
3.6 V
2500
3050
3900
4700
-----
-
RTC
enabled and
clocked by
LSE
quartz(2)
1.8 V
265
315
415
670
1000
----
-
2.4 V
355
415
530
865
1150
----
-
3 V
480
545
710
1050
1250
----
-
3.6 V
675
870
1100
1500
1700
----
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com