Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 86Page - STMicroelectronics STM32G431C6 Datasheet HTML 87Page - STMicroelectronics STM32G431C6 Datasheet HTML 88Page - STMicroelectronics STM32G431C6 Datasheet HTML 89Page - STMicroelectronics STM32G431C6 Datasheet HTML 90Page - STMicroelectronics STM32G431C6 Datasheet HTML 91Page - STMicroelectronics STM32G431C6 Datasheet HTML 92Page - STMicroelectronics STM32G431C6 Datasheet HTML 93Page - STMicroelectronics STM32G431C6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 198 page
background image
IDD
(Shutdown with
RTC)
Supply current
in Shutdown
mode (backup
registers
retained) RTC
enabled
RTC
clocked by
LSE
bypassed
at 32768
Hz
1.8 V
280
355
800
1800
4500
-
-
-
-
-
nA
2.4 V
400
500
1050
2250
5350
-
-
-
-
-
3 V
745
985
1850
3400
7100
-
-
-
-
-
3.6 V
2450
3250
4850
7100
11500
-
-
-
-
-
RTC
clocked by
LSE
quartz(2) in
low drive
mode
1.8 V
275
375
775
1650
-
-
-
-
-
-
2.4 V
375
495
950
2050
-
-
-
-
-
-
3 V
515
640
1200
2550
-
-
-
-
-
-
3.6 V
710
925
1750
3300
-
-
-
-
-
-
IDD(wakeup
from
Shutdown)
Supply current
during wakeup
from Shutdown
mode
Wakeup
clock is
HSI16 =
16 MHz(3)
3 V
0.24
-
-
-
-
---
--
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 35: Low-power mode wakeup timings.
Table 32. Current consumption in Shutdown mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com