Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 1 Page - Continental Device India Limited

  TCIL6568 Datasheet HTML 1Page - Continental Device India Limited TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
MOS IC
TCIL6568
No n - is o la te d A P F C B U C K L E D C o n tro lle r
The Document is Applied to:TTCIL6568-7 & TTCIL6568-14
TCIL6568_REV2_22102016E
D a t a s h e e t
Page 1 of 10
1. General Description
The TCIL6568 is a non-isolated BUCK topology constant current control LED
controller with Active Power Factor Correction (APFC). For 85Vac-265Vac input voltage, it
can achieve high precision LED output current, high power factor, low THD and high system
efficiency.
The TCIL6568 works in boundary conduction mode to reduce the MOSFET switching
losses. The TCIL6568 integrate 600V MOSFET internally, which simplifies external circuit.
The system full wave detection mode makes the high precision of constant current controlling,
also the Line Voltage Regulation and Load Regulation.
The multi-protection feature of TCIL6568 significantly improves the system reliability
and safety. The TCIL6568 features VCC under voltage lock out, LED open/short-circuit
protection, CS resistor open-circuit protection, cycle-by-cycle current limit, and intelligent
thermal adjust.
TCIL6568-7 is for 3 to 7 watt driver applications and TCIL6568-14 is for 9-14 watt
driver applications.
Features:
● Inductance Current of Boundary-Continuous Mode
● Integrate Active Power Factor Correction, High PF, Low THD
● High Precision of LED output current: ±3%
● Superior Line Voltage Regulation and Load Regulation
● Low Start Up Current
● Extremely Low Quiescent Current
● High Precision LED Output current for 100Vac-300Vac Input Voltage
● Output Open/Short Circuit Protection
● CS Resistor Open-circuit protection
● VCC UVLO
● Integrate 600V power MOSFET
● Package: SOP7


Similar Part No. - TCIL6568

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCI-150 ETC-TCI-150 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TCI-150-3/8 ETC-TCI-150-3/8 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TCI-150FN ETC-TCI-150FN Datasheet
3Mb / 32P
TORQUE PRODUCTS
TCI-150FRD ETC-TCI-150FRD Datasheet
3Mb / 32P
TORQUE PRODUCTS
TCI-150FRN ETC-TCI-150FRN Datasheet
3Mb / 32P
TORQUE PRODUCTS
More results

Similar Description - TCIL6568

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320KGKT LITEON-LTST-S320KGKT_14 Datasheet
550Kb / 12P
P r o p e r t y o f L i t e -On On l y
LTST-S320KGKT-5A LITEON-LTST-S320KGKT-5A_14 Datasheet
669Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
LTST-S320KGKTR LITEON-LTST-S320KGKTR_14 Datasheet
671Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
LTST-S320KRKT LITEON-LTST-S320KRKT_14 Datasheet
547Kb / 12P
P r o p e r t y o f L i t e -On On l y
logo
E-Tech Electronics LTD
GE1117A50 ETL-GE1117A50 Datasheet
243Kb / 4P
1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GE1147-50 ETL-GE1147-50 Datasheet
243Kb / 4P
1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GHLM324 ETL-GHLM324 Datasheet
426Kb / 4P
Q U A D O P E R AT I O N A L A M P L I F I E R S
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
D U A L O P E R AT I O N A L A M P L I F I E R
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
D U A L O P E R AT I O N A L A M P L I F I E R
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com