Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 4 Page - Continental Device India Limited

  TCIL6568 Datasheet HTML 1Page - Continental Device India Limited TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 4 of 10
2.2.6、Output Over-Voltage Protection
The TCIL6568 detect the output voltage through ZCD pin during demagnetize process. When
the voltage of ZCD pin exceeds the OVP threshold, the OVP signal will be triggered and latched,
the MOSFET will be turned off and the IC work at quiescent mode, the VCC voltage dropped
below the UVLO which will make the IC shut down and the system restarts again. The output OVP
setting point can be calculated as:
1.6V
1
2
1
_
×
+
=
R
R
R
V
OVP
LED
1.6V
Latc
h
TOVPS
Vcc
R2
R1
L
D2
R4
C2
Fig.3 Principle of VCC OVP
To prevent OVP trigger falsely for inductor surge spike, the TCIL6568 designed LEB time to
ensure zero current detect sample point fall in the flat range, which is shown in Fig.4.
VZCD
t
TOVPS
0V
Sample Point
Fig.4 ZCD Pin Voltage and OVP Sample Point
2.2.7、Output Short-Circuit Protection
When the LED is shorted to ground, the output voltage is clamped to zero. The winding can’t
supply current for Vcc, so Vcc will drop down. Since the Vcc is below VCC off voltage, the
system will restart and operate in hiccup mode until the shorted condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com