Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 2 Page - Continental Device India Limited

  TCIL6568 Datasheet HTML 1Page - Continental Device India Limited TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 2 of 10
2. Function Diagram and Pin Description
2. 1、Function Diagram
VCC
Clamp
Power Supply
&VREF
Zero Current
Detection
OVP
Current
Limit
Logic
Control
Drive
CAP
CS
OUT
VCC
ZCD
UVLO
VREF
Vcs
OTA
PWM/
PFC
GND
N1
2. 2、Function Description
The TCIL6568 is a high-PF non-isolated BUCK topology LED controller with Active
Power Factor Correction (APFC) internally. The TCIL6568 works in boundary conduction mode
and employs unique control mode to achieve high precision LED output current. Also it
achieved superior Line Voltage Regulation and Load Regulation
2.2.1、Start up and UVLO
Initially, the capacitor beside VCC pin is charged through the start up resistor from the AC
line. After the VCC voltage climbs up to VCC turn voltage threshold VCC_ON, the control logic
start to work. After the output voltage established, the output voltage supply power for VCC
through diode to reduce system power dissipation.
When VCC falls below VCC turn off voltage threshold VCC_OFF, the system shut down, and
the system enters another start up cycle.
2.2.2、Power-on Soft-start
The TCIL6568 supply soft-start function. The IC works in 10 kHz switch frequency after
power on, and the CAP pin voltage is pulled up to 1.5V. After the output pulse established, CAP
voltage rises from 1.5V, and the inductor peak current rise gradually along with CAP voltage,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com