Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 3 Page - Continental Device India Limited

  TCIL6568 Datasheet HTML 1Page - Continental Device India Limited TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 3 of 10
which achieve the soft-start.
Soft-start function can help to restrain clash current to reduce LED stress during start up,
which can extend the LED life. On the other hand, soft-start also can restrain clash voltage on
MOSFET’s drain to increase the system reliability.
2.2.3、Power Factor Correction
After the system is stable, the voltage VCAP will be constant. The TCIL6568 achieve high PF
though ensure MOSFET on time stable. The relation between Vin(t), TON, L and inductor peak
current IP(t) can be calculated as fallow:
[
]
LED
()-
()
Vin t V
Ton
L Ip t
×= ×
Vin(t) is a sinusoidal half-wave, and the envelope of inductor current peak value IP(t) fallow
with the input voltage Vin(t), which makes the system achieve high PF.
Inductor Current
VIN(t)
Fig.2 Power Factor Correction Scheme
2.2.4、Constant Current Control
The TCIL6568 employs unique constant current control method and works in boundary
continuous mode, which could control the LED output current accurately.
LED output current can be calculated as:
CS
REF
R
V
Io
=
VREF-feedback loop reference voltage(typically 0.2V)
RCS-The sensing resistor connected between CS pin and GND
2.2.5、Zero Current Detect
When power MOSFET is off, the inductor current fall linearly from peak value to zero, also
make supply power for LED load and charge the output capacitor through freewheeling diode.
When inductor current falls to zero, the inductor voltage will fall to zero quickly. ZCD pin sense
the inductor voltage through divider resistor, and when detected voltage falls below VZCD_FALL,
turn on the MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com