Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 6 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 6 Page - Continental Device India Limited

Back Button TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited TCIL6568 Datasheet HTML 10Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 6 of 10
3、Electrical Characteristics
3. 1、Absolute Maximum Ratings
Unless otherwise specified, Tamb= 25℃
Parameter
Symbol
Value
Unit
Supply Voltage (Note 1)
VCC
7.5~25
V
Peak Value of the Power MOSFET Drain Voltage
VDS
-0.3~600
V
Low Voltage Terminal (CS, CAP, ZCD)
-0.3~6
V
Maximum Clamp Current for VCC Pin
ICC_MAX
10
mA
Continuous Power Dissipation (Note 2)
PDMAX
0.45
W
Thermal resistance
θ
JA
145
℃/W
Junction Temperature
TJ
-40 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
ESD (HBM)
2
kV
Note 1:Exceed the limit parameter, the IC would be damaged.
Note2:The maximum power dissipation of IC falls along with the temperature, which
determined by thermal resistance
θ
JA,
junction temperature TJ and ambient
temperature TA. The maximum allowed power dissipation is PDMAX =(TJMAX -TA)
/θ
JA.
3. 2、Electrical Characteristics
Unless otherwise specified, Tamb= 25 ℃
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Supply Voltage
Supply range
VCC
7.5
-
25
V
VCC turn on threshold
VCC_ON
VCC Rising
15
17
19
V
VCC turn off threshold
VCC_OFF
VCC Falling
6.5
7.5
9
V
VCC Clamp Voltage
VCC_CLAMP
20
VCC Start Up Current
ICC_ON
VCC Rising
VCC=VCC_ON-1V
30
50
μA
Operating current
ICC_OP
FOP=10kHz
300
600
μA
Zero Current Detector (ZCD)
Zero current detect
threshold
VZCD_FALL
ZCD Falling
0.2
V
Zero current detect
hysteresis
VZCD_HYS
ZCD Rising
0.15
V
Output OVP Threshold
VZCD_OVP
1.6
V
Maximum On Time
TON_MAX
20
μs
Minimum Off Time
TOFF_MIN
3
μs
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com