Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 5 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 5 Page - Continental Device India Limited

  TCIL6568 Datasheet HTML 1Page - Continental Device India Limited TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 5 of 10
2.2.8、Intelligent Thermal Adjust
To prevent from any lethal thermal damage, the TCIL6568 has internal intelligent thermal
adjust function. When the inner temperature exceeds the threshold, the TCIL6568decrease the
output current gradually this can control the output power and temperature rising to improve the
system reliability. The IC set the over temperature adjust threshold 150℃.
2. 3、Pin Configuration
2. 4、Pin Description and Structure Scheme
Pin
Symbol
Function
I/O
Structure
Scheme
1
CAP
Internal EA’s Output Pin.
Connect a Capacitor to Ground
I/O
2
GND
Ground Pin
P
3
VCC
Supply Voltage Pin.
P
4
ZCD
Zero Current Detection Pin
I/O
5,6
OUT
The Drain of The Power
MOSFET
O
8
CS
Current Sense Pin. Source of
Power MOSFET, and Connect a
Resistor to Ground.
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com