Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCIL6568 Datasheet(PDF) 7 Page - Continental Device India Limited

Part # TCIL6568
Description  MOS IC Non- i sol at ed APFC BUCK LED Cont r o l l e r
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCIL6568 Datasheet(HTML) 7 Page - Continental Device India Limited

Back Button TCIL6568 Datasheet HTML 2Page - Continental Device India Limited TCIL6568 Datasheet HTML 3Page - Continental Device India Limited TCIL6568 Datasheet HTML 4Page - Continental Device India Limited TCIL6568 Datasheet HTML 5Page - Continental Device India Limited TCIL6568 Datasheet HTML 6Page - Continental Device India Limited TCIL6568 Datasheet HTML 7Page - Continental Device India Limited TCIL6568 Datasheet HTML 8Page - Continental Device India Limited TCIL6568 Datasheet HTML 9Page - Continental Device India Limited TCIL6568 Datasheet HTML 10Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Continental Device India Pvt. Ltd
An ISO/TS 16949,
ISO 9001 and ISO 14001 Certified Company
TCIL6568
TCIL6568_REV02_22102016
D a t a s h e e t
Page 7 of 10
Continued
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Maximum Off Time
TOFF_MAX
100
μs
Current Sense
Peak Value Limit for
CS Pin
VCS_LIMIT
1
V
Leading Edge
Blanking Time
TLEB_CS
360
ns
Turn off delay time
TDELAY
110
ns
Error AMP
current detect
threshold
VREF
0.194
0.2
0.206
V
Lower clamp voltage
for CAP Pin
VCAP_L
1.5
V
Linear operation
range of CAP Pin
VCAP
1.5
3.9
V
Higher clamp voltage
for CAP
VCAP_H
4.0
V
Power MOSFET
The turn-on resistor
of
MOSFET
RDS_ON
VGS=10V/IDS=0.5A TCIL6568-7
9
12
Ω
VGS=10V/IDS=1A TCIL6568-14
4.5
6
Ω
Breakdown Voltage
of
MOSFET
BVDSS
VGS=0V/IDS=250μA
600
V
Leakage Current of
MOSFET
IDSS
VGS=0V/VDS=600V
10
μA
Intelligent Thermal Adjust
Over temperature
adjust threshold
TADJ
150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com