Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8510GEDS/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
WM8510
Production Data
w
PD Rev 4.1 December 2006
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
VMID
Reference
Decoupling for midrail reference voltage
2
MICN
Analog Input
Microphone negative input
3
MICP
Analog Input
Microphone positive input (common mode)
4
MICBIAS
Analog Output
Microphone Bias
5
NC
NC
No Connect
6
AVDD
Supply
Analogue supply (feeds ADC, DAC and PLL)
7
AGND
Supply
Analogue ground (feeds ADC, DAC and PLL)
8
AGND
Supply
Analogue ground (feeds ADC, DAC and PLL)
9
DCVDD
Supply
Digital Core supply
10
DBVDD
Supply
Digital Buffer (Input/Output) supply
11
DGND
Supply
Digital ground
12
ADCDAT
Digital Output
ADC Digital Audio Data Output
13
DACDAT
Digital Input
DAC Digital Audio Data Input
14
FRAME
Digital Input/Output
DAC and ADC Sample Rate Clock or Frame synch
15
BCLK
Digital Input/Output
Digital Audio Port Clock
16
MCLK
Digital Input
Master Clock Input
17
CSB/GPIO
Digital Input/Output
3-Wire MPU Chip Select or General Purpose Input/Output pin.
18
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
19
SDIN
Digital Input/Output
3-Wire MPU Data Input / 2-Wire MPU Data Input/Output
20
MODE
Digital Input
Control Interface Mode Selection Pin.
21
MONOOUT
Analog Output
Mono Audio Output
22
SPKOUTP
Analog Output
Speaker Output Positive
23
SPKGND
Supply
Speaker ground (feeds speaker and mono output amps only)
24
SPKGND
Supply
Speaker ground (feeds speaker and mono output amps only)
25
SPKOUTN
Analog Output
Speaker Output Negative
26
SPKVDD
Supply
Speaker supply (feeds speaker and mono output amps only)
27
SPKVDD
Supply
Speaker supply (feeds speaker and mono output amps only)
28
MIC2
Analog Input
Second Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com