Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
Pre-Production
WM8510
w
PD Rev 4.1 December 2006
57
POWER SUPPLIES
The WM8510 can use up to four separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A large AVDD slightly
improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono output
drivers. SPKVDD can range from 2.5V to 5.5V. SPKVDD can be tied to AVDD, but it requires
separate layout and decoupling capacitors to curb harmonic distortion. With a larger SPKVDD, louder
headphone and speaker outputs can be achieved with lower distortion. If SPKVDD is lower than
AVDD (or 1.5 x AVDD for BOOST mode), the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.71V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DCVDD should be greater than or equal to 1.9V when using the PLL.
DBVDD can range from 1.71V to 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out of
the analogue signal paths.
Note:
DCVDD should be greater than or equal to 1.9V when using the PLL.
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8510 device is
powered up and down using one of the following sequences:
Power Up When NOT Using the Output 1.5x Boost Stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Set BIASEN = 1, BUFIOEN = 1 and also the VMIDSEL[1:0] bits in the Power Management
1 register. * Notes 1 and 2.
3.
Wait for the VMID supply to settle. * Note 2.
4.
Enable DAC by setting DACEN = 1.
5.
Enable mixers as required.
6.
Enable output stages as required.
7.
Unmute DAC by setting DACMU = 0.
Power Up When Using the Output 1.5x Boost Stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Enable 1.5x output boost. Set MONOBOOST = 1 and SPKBOOST = 1 as required.
3.
Set BIASEN = 1, BUFIOEN = 1, BUFDCOPEN = 1 and also the VMIDSEL[1:0] bits in the
Power Management 1 register. * Notes 1 and 2.
4.
Wait for the VMID supply to settle. * Note 2.
5.
Enable DAC by setting DACEN = 1.
6.
Enable mixers as required.
7.
Enable output stages as required.
8.
Unmute DAC by setting DACMU = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com