Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 81Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
Pre-Production
WM8510
w
PD Rev 4.1 December 2006
77
DE-EMPHASIS FILTER RESPONSES
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Hz)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Hz)
Figure 40 De-emphasis Frequency Response (32kHz)
Figure 41 De-emphasis Error (32kHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5000
10000
15000
20000
Frequency (Hz)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0
5000
10000
15000
20000
Frequency (Hz)
Figure 42 De-emphasis Frequency Response (44.1kHz)
Figure 43 De-emphasis Error (44.1kHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5000
10000
15000
20000
Frequency (Hz)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
5000
10000
15000
20000
Frequency (Hz)
Figure 44 De-emphasis Frequency Response (48kHz)
Figure 45 De-emphasis Error (48kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com