Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
WM8510
Production Data
w
PD Rev 4.1 December 2006
70
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:0
ALCMIN
000
Set minimum gain of PGA when using ALC:
000=-12dB
001=-6dB
010=0dB
011=+6dB
100=+12dB
101=+18dB
110=+24dB
111=+30dB
Input Limiter /
Automatic Level
Control (ALC)
8
ALCZC
0
ALC zero cross detection.
0 = disabled (recommended)
1 = enabled
It is recommended that zero cross is not used in
conjunction with the ALC or Limiter functions
Input Limiter /
Automatic Level
Control (ALC)
7:4
ALCHLD
000
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
Input Limiter /
Automatic Level
Control (ALC)
33 (21h)
3:0
ALCLVL
1011
ALC target – sets signal level at ADC input
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
Input Limiter /
Automatic Level
Control (ALC)
8
ALCMODE
0
Determines the ALC mode of operation:
0=ALC mode
1=Limiter mode.
Input Limiter /
Automatic Level
Control (ALC)
Decay (gain ramp-up) time (ALCMODE =0)
Per step
Per 6dB
90% of
range
0000
410us
3.38ms
23.6ms
0001
820us
6.6ms
47.2ms
0010
1.64ms
13.1ms
94.5
… (time doubles with every step)
0011
1010 or
higher
420ms
3.36s
24.2s
Decay (gain ramp-up) time (ALCMODE =1)
Per step
Per 6dB
90% of
range
0000
90.8us
726us
5.23ms
0001
182us
1.45ms
10.5ms
0010
363us
2.91ms
20.9ms
… (time doubles with every step)
34 (22h)
7:4
ALCDCY
0011
1010
93ms
744ms
5.36s
Input Limiter /
Automatic Level
Control (ALC)
ALC attack (gain ramp-down) time
(ALCMODE = 0)
Per step
Per 6dB
90% of
range
0000
104us
832us
6ms
0001
208us
1.664ms
12ms
3:0
ALCATK
0010
0010
416us
3.33ms
24ms
Input Limiter /
Automatic Level
Control (ALC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com