Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
WM8510
Production Data
w
PD Rev 4.1 December 2006
8
TERMINOLOGY
1.
MICN input only in single ended microphone configuration. Maximum input signal to MICP without distortion is -3dBV.
2.
Hold Time is the length of time between a signal detected being too quiet and beginning to ramp up the gain. It does
not apply to ramping down the gain when the signal is too loud, which happens without a delay.
3.
Ramp-up and Ramp-Down times are defined as the time it takes the PGA to change its gain by 6dB.
4.
All hold, ramp-up and ramp-down times scale proportionally with MCLK
5.
Signal-to-noise ratio (dB) – SNR is a measure of the difference in level between the full scale output and the output with
no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
6.
THD (dB) – THD is a ratio, of the rms values, of Noise Signal.
7.
The maximum output voltage can be limited by the speaker power supply. If MONOBOOST=1 then SPKVDD should
be 1.5xAVDD or higher to prevent clipping taking place in the output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com