Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
WM8510
Production Data
w
PD Rev 4.1 December 2006
40
ANALOGUE OUTPUTS
The WM8510 has a single MONO output and two outputs SPKOUTP and SPOUTN for driving a
mono BTL speaker. These analogue output stages are supplied from SPKVDD and are capable of
driving up to 1.5V rms signals (equivalent to 3V rms into a bridge tied speaker) as shown in Figure
20.
Figure 20 Speaker and Mono Analogue Outputs
The Mono and speaker outputs have output driving stages which can be controlled by the register
bits MONOBOOST and SPKBOOST respectively. Each output stage has a selectable gain boost of
1.5x.
When this boost is enabled the output DC level is also level shifted (from AVDD/2 to
1.5xAVDD/2) to prevent the signal from clipping. A dedicated amplifier, as shown in Figure 20, is
used to perform the DC level shift operation. This buffer must be enabled using the BUFDCOPEN
register bit for this operating mode. It should also be noted that if SPKVDD is not equal to or greater
than 1.5xAVDD this boost mode may result in signals clipping. Table 30 summarises the effect of
the SPKBOOST/MONOBOOST control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com