Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/V Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/V
Description  Mono CODEC with Speaker Driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/V Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8510GEDS/V Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
Pre-Production
WM8510
w
PD Rev 4.1 December 2006
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DAC2MONO
0
Output of DAC to mono mixer input
0 = not selected
1 = selected
1
BYP2MONO
0
Bypass path (output of input boost
stage) to mono mixer input
0 = non selected
1 = selected
2
MIC2_2MONO
0
Output of MIC2 amplifier to mono
mixer input:
0 = not selected
1 = selected
R56
Mono mixer
control
6
MONOMUTE
0
0=No mute
1=Output muted. During mute the
mono output will output VMID which
can be used as a DC reference for a
headphone out.
R40
Bypass path
attenuation
control
2
MONOATTN
0
Attenuation control for bypass path
(output of input boost stage) to mono
mixer input
0 = 0dB
1 = -10dB
Table 35 Mono Mixer Control
ENABLING THE OUTPUTS
Each analogue output of the WM8510 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8510 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications
Information” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
BUFIOEN
0
Unused input/output tie off buffer enable
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
R1
Power
management
1
3
BIASEN
0
Analogue amplifiers bias enable
2
SPKMIXEN
0
Speaker Mixer enable
3
MONOMIXEN
0
Mono mixer enable
5
SPKPEN
0
SPKOUTP enable
6
SPKNEN
0
SPKOUTN enable
R3
Power
management
3
7
MONOEN
0
MONOOUT enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 36 Output Stages Power Management Control
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (either
AVDD/2 or 1.5xAVDD/2 as appropriate) through a resistor. This helps to prevent pop noise when the
output is re-enabled. The resistance between the voltage buffer and the output pins can be controlled
using the VROI control bit. The default impedance is low, so that any capacitors on the outputs can
charge up quickly at start-up. If a high impedance is desired for disabled outputs, VROI can then be
set to 1, increasing the resistance to about 30k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com