Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
WM8591
Production Data
w
PD Rev 4.0 December 2005
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
ALC/Limiter Attack (gain ramp-down) Time
3:0
ATK[3:0]
0010
(33.6ms/
1ms)
ALC Mode:
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with every step)
1010 or higher: 8.6s
Limiter Mode:
0000: 250us
0001: 500us…
0010: 1ms
(time doubles with every step)
1010 or higher: 256ms
ALC/Limiter Decay (gain ramp up) Time
R18 (12h)
0011000
ALC Control 3
7:4
DCY[3:0]
1001
(17.15s/
614.4ms)
ALC Mode:
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms ….(time
doubles for every step)
1001: 17.15s
1010 or higher: 34.3s
Limiter Mode:
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time doubles
for every step)
1001: 614.4ms
1010 or higher: 1.2288s
Maximum Attenuation of PGA (Limiter only)
Limiter (attenuation below static)
0000 to 0011
-3dB
0100
-4dB
….
(-1dB steps)
1110
-14dB
R20 (14h)
0010100
Limiter
Control
3:0
MAXATTEN
[3:0]
0110
(-6dB)
1111
-15dB
0
MUTERA
0
Mute for Right Channel ADC:
0: Mute off
1: Mute on
1
MUTELA
0
Mute for Left Channel ADC:
0: Mute off
1: Mute on
R21 (15h)
0010101
ADC Mux
Control
8
LRBOTH
0
Right Channel Input PGA Controlled by Left Channel Register:
0: Right channel uses RAG and MUTERA
1: Right channel uses LAG and MUTELA
R23 (17h)
0010111
Software
Reset
[8:0]
RESET
Not reset
Writing any value to this register will apply a reset to the device
registers.
0
ADCSYNCEN
0
Enable the ADC Synchronizer:
0: Disabled
1: Enabled
3:2
BCLK_RATE
00
Set ADCBCLK and DACBCLK output rate in Master Mode:
00: BCLK = MCLK/4 (MCLK in DSP Mode)
01: BCLK = MCLK/4 (MCLK in DSP Mode)
10: BCLK = 64fs
11: BCLK = 128fs
4
ADCMCLK2DAC
0
Set both ADC and DAC to use ADCMCLK:
0: DAC uses DACMCLK
1: DAC uses ADCMCLK
R28 (1Ch)
0011100
ADC/DAC
Synchronization
5
ADCMCLKX2
0
Allows DAC synchronizer to synchronize to ADC operating at 2x
DAC rate:
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com