Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
11
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, ADC/DACMCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
ADC/DACBCLK cycle time
tBCY
50
ns
ADC/DACBCLK pulse width
high
tBCH
20
ns
ADC/DACBCLK pulse width
low
tBCL
20
ns
DACLRC/ADCLRC set-up
time to ADC/DACBCLK
rising edge
tLRSU
10
ns
DACLRC/ADCLRC hold
time from ADC/DACBCLK
rising edge
tLRH
10
ns
DIN set-up time to
DACBCLK rising edge
tDS
10
ns
DIN hold time from
DACBCLK rising edge
tDH
10
ns
DOUT propagation delay
from ADCBCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing – Slave Mode
Note:
ADCLRC and DACLRC should be synchronous with MCLK, although the WM8591 interface is tolerant of phase variations
or jitter on these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com