Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
7
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
Dynamic Range (note 2)
DNR
A-weighted, -60dB
full scale input
93
102
dB
Total Harmonic Distortion
THD
1kHz, -3dBFs
-95
-85
dB
ADC Channel Separation
1kHz Input
85
dB
Channel Level Matching
1kHz signal
0.1
dB
Channel Phase Deviation
1kHz signal
0.06
Degree
Programmable Gain Step Size
0.25
0.5
0.75
dB
Programmable Gain Range
(Analogue)
1kHz Input
-21
+24
dB
Programmable Gain Range
(Digital)
1kHz Input
-103
-21.5
dB
Mute Attenuation (Note 4)
1kHz Input, 0dB gain
97
dB
1kHz 100mVpp
59
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
56
dB
PGA Gain = +24dB
4.5
kΩ
PGA Gain = 0dB
37.4
kΩ
Input Resistance
PGA Gain = -21dB
69.0
kΩ
Input Capacitance
1
pF
Supply Current
Analogue supply current
AVDD = 5V
60
mA
Digital supply current
DVDD = 3.3V
6
mA
Analogue Powerdown Current
AVDD = 5V
132
µA
Digital Powerdown Current
DVDD = 3.3V
2.7
µA
Crosstalk
1kHz signal, ADC fs =
48kHz, DAC fs =
44.1kHz
115
dB
DAC to ADC
20kHz signal, ADC fs =
48kHz, DAC fs =
44.1kHz
130
dB
1kHz signal, ADC fs =
48kHz, DAC fs =
44.1kHz
131
dB
ADC to DAC
20kHz signal, ADC fs =
48kHz, DAC fs =
44.1kHz
138
dB
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted.
2.
All performance measurements obtained with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
All performance measurements obtained using certain timings conditions (ADCLRC and DACLRC should be
synchronous with MCLK). Please refer to section ‘Digital Audio Interface’.
4.
A better MUTE Attenuation can be achieved if the ADC gain is set to minimum.
5.
All performance measurements specified for ADC and DAC operating in isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com