Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
WM8591
Production Data
w
PD Rev 4.0 December 2005
24
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
3
DACBCP
0
R11 (0Bh)
0001011
ADC Interface Control
3
ADCBCP
0
BCLK Polarity (DSP modes)
0 : normal BCLK polarity
1: inverted BCLK polarity
The WL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
5:4
DACWL
[1:0]
10
R11 (0Bh)
0001011
ADC Interface Control
5:4
ADCWL
[1:0]
10
Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: If 32-bit mode is selected in right justified mode, the WM8591 defaults to 24 bits.
In all modes, the data is signed 2’s complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8591 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that ADCLRC/DACLRC is
high for a minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC.
MASTER MODES
Control bit ADCMS selects between audio interface Master and Slave Modes for ADC. In ADC
Master mode ADCLRC and ADCBCLK are outputs and are generated by the WM8591. In Slave
mode ADCLRC and ADCBCLK are inputs to WM8591.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
Interface Control
8
ADCMS
1
Audio Interface Master/Slave Mode
select for ADC:
0 : Slave Mode
1: Master Mode
Control bit DACMS selects between audio interface Master and Slave Modes for the DAC. In DAC
Master mode DACLRC and DACBCLK are outputs and are generated by the WM8591. In Slave
mode DACLRC and DACBCLK are inputs to WM8591.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
Interface Control
7
DACMS
0
Audio Interface Master/Slave Mode
select for DAC:
0 : Slave Mode
1: Master Mode
MASTER MODE ADCLRC/DACLRC FREQUENCY SELECT
In ADC Master mode the WM8591 generates ADCLRC and ADCBCLK, in DAC master mode the
WM8591 generates DACLRC and DACBCLK. These clocks are derived from the master clock
(ADCMCLK or DACMCLK). The ratios of ADCMCLK to ADCLRC and DACMCLK to DACLRC are
set by ADCRATE and DACRATE respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com