Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
23
The transfer of data is complete when there is a low to high transition on DI while CL is high. After
receiving a complete address and data sequence the WM8591 returns to the idle state and waits for
another start condition. If a start or stop condition is detected out of sequence at any point during
data transfer (i.e. DI changes while CL is high), the device jumps to the idle condition.
Figure 19 2-wire Serial Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
The WM8591 has two possible device addresses, which can be selected using the CE pin.
CE STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 10 2-Wire MPU Interface Address Selection
CONTROL INTERFACE REGISTERS
DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
1:0
DACFMT
[1:0]
01
R11 (0Bh)
0001011
ADC Interface Control
1:0
ADCFMT
[1:0]
01
Interface format Select
00 : right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode A or B (selected
by DACLRP and ADCLRP)
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of
ADCLRC/DACLRC. If this bit is set high, the expected polarity of ADCLRC/DACLRC will be the
opposite of that shown Figure 12, Figure 13, etc. Note that if this feature is used as a means of
swapping the left and right channels, a 1 sample phase difference will be introduced. In DSP modes,
the LRP register bit is used to select between early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
2
DACLRP
0
R11 (0Bh)
0001011
ADC Interface Control
2
ADCLRP
0
In left/right/ I
2S modes:
ADCLRC/DACLRC Polarity (normal)
0 : normal ADCLRC/DACLRC
polarity
1: inverted ADCLRC/DACLRC
polarity
In DSP mode:
0 : DSP mode A
1: DSP mode B
By default, ADCLRC, DACLRC and DIN are sampled on the rising edge of ADCBCLK and
DACBCLK
and should ideally change on the falling edge. Data sources that change
ADCLRC/DACLRC and DIN on the rising edge of ADCBCLK/DACBCLK can be supported by setting
the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the inverse of that shown in
Figure 12, Figure 13, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com