Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
25
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
Ratio Select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
R12 (0Ch)
0001100
ADCLRC and DACLRC
Frequency Select
6:4
DACRATE[2:0]
010
Master Mode MCLK:DACLRC
Ratio Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs. Operation is explained further in Table 5.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
ADC Oversampling Rate
3
ADCOSR
0
ADC Oversampling Rate Select
0: 128x oversampling
1: 64x oversampling
DAC OVERSAMPLING RATE SELECT
Control bit DACOSR allows the user to select the DAC internal signal processing oversampling rate.
Operation is described in Table 5 and Table 6.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Oversampling Rate
8
DACOSR
0
DAC Oversampling Rate Select
0: 128x oversampling
1: 64x oversampling
MUTE MODES
Setting MUTE for the DAC will apply a ‘soft’ mute to the input of the digital filters of the channel
muted.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
0001001
DAC Mute
3
DMUTE
0
DAC Soft Mute Select
0 : Normal Operation
1: Soft mute enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com