Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591GEDS/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8591GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591GEDS/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8591GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8591GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
31
Left and right inputs may also be independently muted. The LRBOTH control bit allows the user to
write the same attenuation value to both left and right volume control registers, saving on software
writes. The ADC volume and mute also applies to the bypass signal path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LAG[7:0]
11001111
(0dB)
Attenuation Data for Left Channel ADC Gain in 0.5dB steps. See
Table 12.
R14 (0Eh)
0001110
Attenuation
ADCL
8
ZCLA
0
Left Channel ADC Zero Cross Enable:
0: Zero cross disabled
1: Zero cross enabled
7:0
RAG[7:0]
11001111
(0dB)
Attenuation data for right channel ADC gain in 0.5dB steps. See
Table 12.
R15 (0Fh)
0001111
Attenuation
ADCR
8
ZCRA
0
Right Channel ADC Zero Cross Enable:
0: Zero cross disabled
1: Zero cross enabled
0
MUTERA
0
Mute for Right Channel ADC
0: Mute Off
1: Mute on
1
MUTELA
0
Mute for Left Channel ADC
0: Mute Off
1: Mute on
R21 (15h)
0010101
ADC Input Mux
8
LRBOTH
0
Right Channel Input PGA Controlled by Left Channel Register
0: Right channel uses RAG and MUTERA
1: Right channel uses LAG and MUTELA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com