Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8021
Rev. F | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 1 kΩ, G = +2, RF = RG = 499 Ω, RS = 49.9 Ω, RO = 976 Ω, RD = 53.6 Ω, CC = 7 pF, CL = 0, CF = 0, VOUT = 2 V p-p,
frequency = 1 MHz, unless otherwise noted.
FREQUENCY (Hz)
0.1M
1G
1M
10M
100M
24
21
–6
18
15
12
9
6
3
0
–3
G = +10, RF = 1kΩ, RG = 110Ω, CC = 0pF
G = +5, RF = 1kΩ, RG = 249Ω, CC = 2pF
G = +2, RF = RG = 499Ω, CC = 7pF
G = +1, RF = 75Ω, CC = 10pF
Figure 5. Small Signal Frequency Response vs. Frequency and Gain,
VOUT = 50 mV p-p, Noninverting (See Figure 48)
FREQUENCY (Hz)
0.1M
1G
1M
10M
100M
24
21
–6
18
15
12
9
6
3
0
–3
G = –10, RF = 1kΩ, RG = 100Ω,
RIN = 100Ω, CC = 0pF
G = –5, RF = 1kΩ, RG = 200Ω,
RIN = 66.5Ω, CC = 1.5pF
G = –2, RF = 499Ω, RG = 249Ω,
RIN = 63.4Ω, CC = 4pF
G = –1, RF = 499Ω, RG = 499Ω,
RIN = 56.2Ω, CC = 7pF
Figure 6. Small Signal Frequency Response vs. Frequency and
Gain, VOUT = 50 mV p-p Inverting (See Figure 48)
FREQUENCY (Hz)
0.1M
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
CC = 9pF
G = +2
CC = 7pF
CC = 7pF
CC = 9pF
CC = 5pF
Figure 7. Small Signal Frequency Response vs. Frequency and
Compensation Capacitor, VOUT = 50 mV p-p (See Figure 48)
FREQUENCY (Hz)
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
G = +2
VS = ±5V
VS = ±12V
VS = ±2.5V
VS = ±2.5V
Figure 8. Small Signal Frequency Response vs. Frequency and Supply,
VOUT = 50 mV p-p, Noninverting (See Figure 48)
FREQUENCY (Hz)
1G
1M
10M
100M
3
2
–7
1
0
–1
–2
–3
–4
–5
–6
VS = ±5V
VS = ±2.5V
VS = ±2.5V
G = –1
VS = ±12V
Figure 9. Small Signal Frequency Response vs. Frequency and Supply,
VOUT = 50 mV p-p, Inverting (See Figure 50)
FREQUENCY (Hz)
1G
1M
10M
100M
9
8
–1
7
6
5
4
3
2
1
0
VOUT = 1V p-p
VOUT = 4V p-p
VOUT = 0.1V AND 50mV p-p
G = +2
Figure 10. Frequency Response vs. Frequency and VOUT, Noninverting
(See Figure 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com