Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 3 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8021
Rev. F | Page 3 of 28
SPECIFICATIONS
VS = ±5 V, @ TA = 25°C, RL = 1 kΩ, gain = +2, unless otherwise noted.
Table 1.
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, CC = 10 pF, VO = 0.05 V p-p
355
490
MHz
G = +2, CC = 7 pF, VO = 0.05 V p-p
160
205
MHz
G = +5, CC = 2 pF, VO = 0.05 V p-p
150
185
MHz
G = +10, CC = 0 pF, VO = 0.05 V p-p
110
150
MHz
Slew Rate, 1 V Step
G = +1, CC = 10 pF
95
120
V/μs
G = +2, CC = 7 pF
120
150
V/μs
G = +5, CC = 2 pF
250
300
V/μs
G = +10, CC = 0 pF
380
420
V/μs
Settling Time to 0.01%
VO = 1 V step, RL = 500 Ω
23
ns
Overload Recovery (50%)
±2.5 V input step, G = +2
50
ns
DISTORTION/NOISE PERFORMANCE
f = 1 MHz
HD2
VO = 2 V p-p
−93
dBc
HD3
VO = 2 V p-p
−108
dBc
f = 5 MHz
HD2
VO = 2 V p-p
−70
dBc
HD3
VO = 2 V p-p
−80
dBc
Input Voltage Noise
f = 50 kHz
2.1
2.6
nV/√Hz
Input Current Noise
f = 50 kHz
2.1
pA/√Hz
Differential Gain Error
NTSC, RL = 150 Ω
0.03
%
Differential Phase Error
NTSC, RL = 150 Ω
0.04
Degrees
DC PERFORMANCE
Input Offset Voltage
0.4
1.0
mV
Input Offset Voltage Drift
TMIN to TMAX
0.5
μV/°C
Input Bias Current
+Input or −input
7.5
10.5
μA
Input Bias Current Drift
10
nA/°C
Input Offset Current
0.1
0.5
±μA
Open-Loop Gain
82
86
dB
INPUT CHARACTERISTICS
Input Resistance
10
Common-Mode Input Capacitance
1
pF
Input Common-Mode Voltage Range
−4.1 to +4.6
V
Common-Mode Rejection Ratio
VCM = ±4 V
−86
−98
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
−3.5 to +3.2
−3.8 to +3.4
V
Linear Output Current
60
mA
Short-Circuit Current
75
mA
Capacitive Load Drive for 30% Overshoot
VO = 50 mV p-p/1 V p-p
15/120
pF
DISABLE CHARACTERISTICS
Off Isolation
f = 10 MHz
−40
dB
Turn-On Time
VO = 0 V to 2 V, 50% logic to 50% output
45
ns
Turn-Off Time
VO = 0 V to 2 V, 50% logic to 50% output
50
ns
DISABLE Voltage—Off/On
VDISABLE − VLOGIC REFERENCE
1.75/1.90
V
Enabled Leakage Current
LOGIC REFERENCE = 0.4 V
70
μA
DISABLE = 4.0 V
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com