Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8021
Rev. F | Page 13 of 28
RL = 150Ω
2.0
1.0
–1.0
–2.0
120
160
200
TIME (ns)
RL = 1kΩ
VO = 4V p-p
G = 2
80
40
0
Figure 29. Large Signal Transient Response vs. RL, Noninverting
(See Figure 49)
VOUT
VIN
5
4
3
2
1
–1
–2
–3
–4
–5
100
150
200
250
TIME (ns)
VO = 4V p-p
G = –1
50
0
Figure 30. Large Signal Transient Response, Inverting (See Figure 50)
2.0
1.0
–1.0
–2.0
120
160
200
TIME (ns)
CL = 50pF
G = 2
CL = 10pF, 0pF
VO = 4V p-p
80
40
0
Figure 31. Large Signal Transient Response vs. CL (See Figure 48)
2.0
1.0
–1.0
–2.0
120
160
200
TIME (ns)
VO = 2V p-p
G = 2
VS = ±2.5V
VS = ±5V
80
40
0
Figure 32. Large Signal Transient Response vs. VS (See Figure 48)
VIN
0
100
200
300
400
500
TIME (ns)
VIN = ±3V
G = +2
VIN = 1V/DIV
VOUT = 2V/DIV
VOUT, RL = 1kΩ
RL = 150Ω
Figure 33. Overdrive Recovery vs. RL (See Figure 49)
25ns
–0.01%
+0.01%
HOR = 5ns/DIV
G = 2
VERT = 0.2mV/DIV
Figure 34. 0.01% Settling Time, 2 V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com