Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8021
Rev. F | Page 10 of 28
FREQUENCY (Hz)
0.1M
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
10
RL = 1kΩ
G = +2
RL = 100Ω
Figure 11. Large Signal Frequency Response vs. Frequency and
Load, Noninverting (See Figure 49)
FREQUENCY (Hz)
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
–1
G = +2
+85°C
–40°C
+25°C
+85°C
VOUT =
2V p-p
VOUT =
50mV p-p
–40°C
+25°C
Figure 12. Frequency Response vs. Frequency, Temperature, and
VOUT, Noninverting (See Figure 48)
FREQUENCY (Hz)
1G
1M
10M
100M
15
12
9
6
3
0
–3
–6
–9
–12
18
G = +2
50pF
30pF
20pF
10pF
0pF
Figure 13. Small Signal Frequency Response vs.
Frequency and Capacitive Load, Noninverting, VOUT = 50 mV p-p
(See Figure 49 and Figure 71)
FREQUENCY (Hz)
1G
0.1M
10M
100M
9
8
7
6
5
4
3
2
1
0
10
1M
RF = 1kΩ AND CF = 2.2pF
G = +2
RF = RG
RF = 150Ω
RF = 1kΩ
RF = 499Ω
RF = 250Ω
RF = 75Ω
Figure 14. Small Signal Frequency Response vs. Frequency and RF,
Noninverting, VOUT = 50 mV p-p (See Figure 48)
FREQUENCY (Hz)
0.1M
1G
1M
10M
100M
12
9
6
3
0
–3
–6
–9
–12
–15
15
G = +2
RS = 49.9Ω
RS = 100Ω
RS = 249Ω
Figure 15. Small Signal Frequency Response vs. Frequency and RS,
Noninverting, VOUT = 50 mV p-p (See Figure 48)
FREQUENCY (Hz)
100k
1G
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
90
45
0
–45
–90
–135
135
180
10k
Figure 16. Open-Loop Gain and Phase vs. Frequency, RG = 100 Ω,
RF = 1 kΩ, RO = 976 Ω, RD = 53.6 Ω, CC = 0 pF (See Figure 50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com