Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8021
Rev. F | Page 15 of 28
100k
10M
100M
–20
10k
1M
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (Hz)
Figure 41. CMRR vs. Frequency (See Figure 51)
100k
1G
10M
100M
300
10k
1M
100
30
10
3
1
0.3
0.1
0.03
0.01
0.003
FREQUENCY (Hz)
Figure 42. Output Impedance vs. Frequency, Chip Enabled
(See Figure 52)
4V
2V
2V
1V
0
100
200
300
400
500
TIME (ns)
VOUTPUT
tEN = 45ns
tDIS = 50ns
DISABLE
Figure 43. Enable (tEN)/Disable (tDIS) Time vs. VOUT (See Figure 53)
1M
1G
100M
0
0.1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
FREQUENCY (Hz)
Figure 44. Input-to-Output Isolation, Chip Disabled (See Figure 54)
100k
1G
10M
100M
300k
10k
1M
100k
30k
10k
3k
1k
300
100
30
10
3
FREQUENCY (Hz)
Figure 45. Output Impedance vs. Frequency, Chip Disabled
(See Figure 55)
1M
500M
100M
10k
10M
100k
0
–10
–30
–50
–70
–80
–100
–20
–40
–60
–90
VS = ±2.5V
VS = ±12V
VS = ±5V
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 46. PSRR vs. Frequency and Supply Voltage
(See Figure 56 and Figure 57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com