Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices AD8021 Datasheet HTML 21Page - Analog Devices AD8021 Datasheet HTML 22Page - Analog Devices AD8021 Datasheet HTML 23Page - Analog Devices AD8021 Datasheet HTML 24Page - Analog Devices AD8021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8021
Rev. F | Page 21 of 28
THEORY OF OPERATION
The AD8021 is fabricated on the second generation of Analog
Devices proprietary High Voltage eXtra-Fast Complementary
Bipolar (XFCB) process, which enables the construction of PNP
and NPN transistors with similar fTs in the 3 GHz region. The
transistors are dielectrically isolated from the substrate (and
each other), eliminating the parasitic and latch-up problems
caused by junction isolation. It also reduces nonlinear capaci-
tance (a source of distortion) and allows a higher transistor, fT,
for a given quiescent current. The supply current is trimmed,
which results in less part-to-part variation of bandwidth, slew
rate, distortion, and settling time.
As shown in Figure 61, the AD8021 input stage consists of an
NPN differential pair in which each transistor operates at a
0.8 mA collector current. This allows the input devices a high
transconductance; thus, the AD8021 has a low input noise of
2.1 nV/√Hz @ 50 kHz. The input stage drives a folded cascode
that consists of a pair of PNP transistors. The folded cascode
and current mirror provide a differential-to-single-ended
conversion of signal current. This current then drives the high
impedance node (Pin 5), where the CC external capacitor is
connected. The output stage preserves this high impedance with
a current gain of 5000, so that the AD8021 can maintain a high
open-loop gain even when driving heavy loads.
Two internal diode clamps across the inputs (Pin 2 and Pin 3)
protect the input transistors from large voltages that could
otherwise cause emitter-base breakdown, which would result in
degradation of offset voltage and input bias current.
+IN
–IN
CINTERNAL
1.5pF
CCOMP
CC
–VS
+VS
OUTPUT
Figure 61. Simplified Schematic
PCB LAYOUT CONSIDERATIONS
As with all high speed op amps, achieving optimum performance
from the AD8021 requires careful attention to PC board layout.
Particular care must be exercised to minimize lead lengths
between the ground leads of the bypass capacitors and between
the compensation capacitor and the negative supply. Otherwise,
lead inductance can influence the frequency response and even
cause high frequency oscillations. Use of a multilayer printed
circuit board, with an internal ground plane, reduces ground
noise and enables a compact component arrangement.
Due to the relatively high impedance of Pin 5 and low values of
the compensation capacitor, a guard ring is recommended. The
guard ring is simply a PC trace that encircles Pin 5 and is
connected to the output, Pin 6, which is at the same potential as
Pin 5. This serves two functions. It shields Pin 5 from any local
circuit noise generated by surrounding circuitry. It also
minimizes stray capacitance, which would tend to otherwise
reduce the bandwidth. An example of a guard ring layout is
shown in Figure 62.
Also shown in Figure 62, the compensation capacitor is located
immediately adjacent to the edge of the AD8021 package, spanning
Pin 4 and Pin 5. This capacitor must be a high quality surface-
mount COG or NPO ceramic. The use of leaded capacitors is
not recommended. The high frequency bypass capacitor(s)
should be located immediately adjacent to the supplies,
Pin 4 and Pin 7.
To achieve the shortest possible lead length at the inverting
input, the feedback resistor RF is located beneath the board and
spans the distance from the output, Pin 6, to inverting input
Pin 2. The return node of Resistor RG should be situated as close
as possible to the return node of the negative supply bypass
capacitor connected to Pin 4.
DISABLE
VOUT
8
7
6
1
2
3
LOGIC REFERENCE
–IN
+IN
–VS 4
+VS
5
CCOMP
GROUND
PLANE
BYPASS
CAPACITOR
COMPENSATION
CAPACITOR
GROUND
PLANE
BYPASS
CAPACITOR
METAL
(TOP VIEW)
Figure 62. Recommended Location of
Critical Components and Guard Ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com