Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8021
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8021
Rev. F | Page 14 of 28
TIME (µs)
12
20
28
–100
24
–80
–60
–40
–20
0
20
40
60
80
100
04
8
16
32
PULSE WIDTH = 300µs
PULSE WIDTH = 120ns
t1
5V
0V
Figure 35. Long-Term Settling, 0 V to 5 V, VS = ±12 V, G = +13
G = +1
50
40
30
20
10
–10
–20
–30
–40
–50
120
160
200
TIME (ns)
80
40
0
Figure 36. Small Signal Transient Response, VO = 50 mV p-p, G = +1
(See Figure 48)
10M
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
100k
1M
2.1nV/
√Hz
Figure 37. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
100
10M
1k
10k
100k
100
1
10
10
1M
Figure 38. Input Current Noise vs. Frequency
–25
100
25
50
75
0.48
0.24
–50
0
0.44
0.40
0.36
0.32
0.28
TEMPERATURE (°C)
Figure 39. VOS vs. Temperature
–25
100
25
50
75
8.4
6.0
–50
0
8.0
7.6
7.2
6.8
6.4
TEMPERATURE (°C)
Figure 40. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com