Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 4Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 5Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 6Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 9Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 10Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 11Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8330
Rev. C | Page 8 of 32
FREQUENCY (Hz)
50
100k
–40
–30
–20
–10
0
10
20
30
40
VMAG = 4.8V
1M
10M
100M
500M
1.52V
0.48V
0.15V
0.048V
0.015V
Figure 10. Frequency Response for Various Values of VMAG,
VDBS = 0.75 V
FREQUENCY (Hz)
10
100k
0
2
4
6
8
1M
10M
100M
300M
VDBS = 0.1V
Figure 11. Group Delay vs. Frequency
VDBS (V)
0
0
–7
–6
–5
–4
–2
–1
–3
T = +25°C
T = –40°C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = +85°C
Figure 12. Differential Output Offset vs. VDBS for Three Temperatures,
for a Representative Part
DIFFERENTIAL OFFSET (mV)
25
0
5
15
20
10
1048 UNITS
ENABLE MODE
Figure 13. Differential Input Offset Histogram
FREQUENCY (Hz)
10
100k
–90
–70
–50
–30
–10
1M
10M
100M
0
–80
–60
–40
–20
Figure 14. Output Balance Error vs. Frequency for a Representative Part
FREQUENCY (Hz)
200
100k
100
120
140
160
180
M
0
0
3
M
0
1
M
1
190
110
130
150
170
100M
Figure 15. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com