Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 13Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 14Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD8330
Rev. C | Page 17 of 32
VIN
VMAG
TIME (ns)
0.10
–400
–300
–200
–100
0
100
200
300
0.05
0
–0.05
–0.10
1.2
1.0
0.8
0.6
0.4
0.2
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VOUT
Figure 50. Using VMAG in Modulation Mode
Another gain related feature allows both gain control ranges
to be accurately raised by 200 mV. To enable this offset, open
circuit Pin 6 (CMGN) and add a 0.1 μF capacitor to ground.
In use, the nominal range for VDBS extends from 0.2 V to 1.7 V
and VMAG from 0.2 V to 5.2 V. These specifications apply for any
supply voltage. This allows the use of DACs whose output range
does not include ground as sources for the gain control function(s).
Note that the 200 mV that appears on this pin affects the
response to an externally applied VMAG, but when Pin VMAG is
unconnected, the internally set default value of 0.5 V still applies.
Furthermore, Pin CMGN can, if desired, be driven by a user
supplied voltage to reposition the baseline for VDBS (or for an
externally applied VMAG) to any other voltage up to 500 mV. In
all cases, the gain scaling, its law conformance, and temperature
stability are unaffected.
Two Classes of Variable Gain Amplifiers
Note that there are two broad classes of VGAs. The first type is
designed to cope with a very wide range of input amplitudes
and, by virtue of its gain control function, compress this range
down to an essentially constant output. This is the function
needed in an AGC system. Such a VGA is called an IVGA,
referring to a structure optimized to address a wide range of
input amplitudes. By contrast, an OVGA is optimized to deliver
a wide range of output values while operating with an essentially
constant input amplitude. This function might be needed, for
example, in providing a variable drive to a power amplifier.
It is apparent from the foregoing sections that the AD8330 is
both an IVGA and an OVGA in one package. This is an unusual
and possibly confusing degree of versatility for a VGA; therefore,
these two distinct control functions are described at separate
points throughout this data sheet to explain the operation and
applications of this product. It is, nevertheless, useful to briefly
describe the capabilities of these features when used together.
Amplitude/Phase Response
The ac response of the AD8330 is remarkably consistent not
only over the full 50 dB of its basic gain range, but also with
changes of gain due to alteration of VMAG, as demonstrated in
Figure 51. This is an overlay of two sets of results: first with a
very low VMAG of 16 mV that reduces the overall gain by 30 dB
[20 × log10(500 mV/16 mV)]; second, with VMAG = 5 V that
increases the gain by 20 dB = 20 × log10(5 V/0.5 V).
FREQUENCY (Hz)
90
100k
10k
30
–10
–350
50
10
–30
1M
10M
100M
300M
70
–50
–50
–100
–150
–200
–250
–300
0
G = +70dB
G = –20dB
100k
1M
10M
100M 300M
Figure 51. AC Performance over a 100 dB Gain Range Obtained by
Using Two Values of VMAG
This 50 dB step change in gain produces two sets of gain curves,
having a total gain span of 100 dB. It is apparent that the ampli-
tude and phase response are essentially independent of the gain
over this wide range, an aspect of the AD8330 performance
potential unprecedented in any prior VGA.
It is unusual for an application to require such a wide range of
gains, of course; and as a practical matter, the peak output
voltage for VMAG = 16 mV is reduced by the factor 16/500,
compared to its nominal value of ±2 V, to only ±64 mV. As
already noted, most applications of VGAs require that they
operate in a mode that is predominantly of either an IVGA or
OVGA style, rather than mixed modes.
With this limitation in mind, and simply in order to illustrate
the unusual possibilities afforded by the AD8330, it is noted
that with appropriate drive to VDBS and VMAG in tandem, the
gain span is a remarkable 120 dB, extending from −50 dB to
+70 dB, as shown in Figure 52 for operation at 1 MHz and
100 MHz. In this case, VDBS and VMAG are driven from a common
control voltage, VGAIN, that varies from 1.2 mV to 5 V, with 30%
(1.5/5) of VGAIN applied to VDBS, and 100% applied to VMAG.
The gain varies in a linear-in-dB manner with VDBS, although
the response from VMAG is linear-in-magnitude. Consequently, the
overall numerical gain as the product of these two functions is
V
6
.
0
10
3
.
0
V
5
.
0
/
GAIN
V
GAIN
V
GAIN
×
×
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com