Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 14Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8330
Rev. C | Page 18 of 32
In rare cases where such a wide gain range is of value, the
calibration is still accurate and the temperature is stable.
VGAIN (V)
80
0.001
1
–40
–60
–20
0
20
40
60
10
100
1k
10k
100k
0.01
0.1
1
10
Figure 52. Gain Control Function and Input Referred Noise Spectral Density
over a 120 dB Range
Noise, Input Capacity, and Dynamic Range
The design of variable gain amplifiers invariably incurs some
compromises in noise performance. However, the structure of
the AD8330 is such that this penalty is minimal. Examination
of the simplified schematic (Figure 47) shows that the input
voltage is converted to current-mode form by the two 500 Ω
resistors at Pin INHI and Pin INLO, whose combined Johnson
noise contributes 4.08 nV/√Hz. The total input noise at full
gain, when driven from a low impedance source, is typically
5 nV/√Hz after accounting for the voltage and current noise
contributions of the loop amplifier. For a 200 kHz channel
bandwidth, this amounts to 2.24 μV rms. The peak input at full
gain is ±6.4 mV, or +4.5 mV rms for a sine wave signal. The
signal-to-noise ratio at full input, that is, the dynamic range, for
these conditions is, thus, 20 log10(4.5 mV/2.24 μV), or 66 dB.
The value of VMAG has essentially no effect on the input referred
noise, but it is assumed to be 0.5 V.
Below midgain (25 dB, VDBS = 0.75 V), noise in the output
section dominates, and the total input noise is 11 nV/√Hz, or
4.9 μV rms in a 200 kHz bandwidth, and the peak input is
78 mV rms. Thus, the dynamic range increases to 84 dB.
At minimum gain, the input noise is up to 120 nV/√Hz, or
53.7 mV rms in the assumed 200 kHz bandwidth, while the
input capacity is ±2 V, or +1.414 V rms (sine), a dynamic range
of 88.4 dB. In calculating the dynamic range for other channel
bandwidths, Δf, subtract 10 log10(Δf/200 kHz) from these
illustrative values. A system operating with a 2 MHz bandwidth,
for example, exhibits dynamic range values that are uniformly
10 dB lower; used in an audio application with a 20 kHz band-
width, they are 10 dB higher.
Noise figure is a misleading metric for amplifiers that are not
impedance matched at their input, which is the special condi-
tion resulting only when both the voltage and current components
of a signal, that is, the signal power, are used at the input port.
When a source of impedance (RS) is terminated using a resistor
of RS (a condition that is not to be confused with matching),
only one of these components is used, either the current (as in
the AD8330) or the voltage. Then, even if the amplifier is
perfect, the noise figure cannot be better than 3 dB. The 1 kΩ
internal termination resistance would result in a minimum
noise figure of 3 dB for an RS of 1 kΩ if the amplifier were
noise-free. However, this is not the case, and the minimum
noise figure occurs at a slightly different value of RS (for an
example, see Figure 53 and Using the AD8330 section).
RS (Ω)
10k
100
10
1k
15
14
13
12
11
10
9
8
7
5
6
Figure 53. Noise Figure for Source Resistance of 50 Ω to 5 kΩ, at f = 10 MHz
(Lower) and 100 MHz (Simulation)
VDBS (V)
00.1 0.20.30.40.5 0.60.70.80.91.01.11.21.31.41.5
144
132
128
124
120
140
136
116
CONSTANT 1V rms
OUTPUT, BOTH CASES
X-AMP WITH 40dB
OF GAIN AND AN
INPUT NSD
OF nV/√Hz
Figure 54. Dynamic Range in dB/√Hz vs. VDBS (VMAG = 0.5 V, 1 V rms Output)
Compared with a Representative X-AMP (Simulation)
Dynamic Range
The ratio of peak output swing, expressed in rms terms, to the
output-referred noise spectral density provides a measure of
dynamic range, in dB/√Hz. For a certain class of variable gain
amplifiers, exemplified by the Analog Devices X-AMP family,
the dynamic range is essentially independent of the gain setting
because the peak output swing and noise are both constant. The
AD8330 provides a different dynamic range profile since there
is no longer a constant relationship between these two parameters.
Figure 54 compares the dynamic range of the AD8330 to a
representative X-AMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com