Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 5Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 6Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 9Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 10Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 11Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 12Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8330
Rev. C | Page 9 of 32
FREQUENCY (Hz)
90
50k
–10
10
30
50
70
M
0
0
1
M
1
k
0
0
1
80
0
20
40
60
10M
OFST: ENABLED
DISABLED
VDBS = 1.5V
VDBS = 0.75V
VDBS = 0V
Figure 16. CMRR vs. Frequency
VDBS (V)
1500
0
0
300
600
900
1200
f = 1MHz
VMAG = 0.5V
T = +85°C
T = +25°C
T = –40°C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 17. Output Referred Noise vs. VDBS for Three Temperatures
VMAG (V)
700
0
0
100
200
300
500
5
.
2
0
.
1
5
.
01.5
f = 1MHz
600
400
2.0
Figure 18. Output Referred Noise vs. VMAG,
VDBS = 0.75 V
VMAG (V)
6000
0
0
1000
2000
3000
5000
5
.
2
0
.
1
5
.
01.5
4000
2.0
VDBS = 1.5V
f = 1MHz
Figure 19. Output Referred Noise vs. VMAG
VDBS (V)
80
0
0
10
20
30
60
1.6
40
VMAG = 0.5V
f = 1MHz
70
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = +85°C
T = –40°C
T = +25°C
Figure 20. Input Referred Noise vs. VDBS for Three Temperatures
VDBS (V)
180
0
0
20
40
60
120
1.6
80
f = 1MHz
140
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
160
VMAG = 0.125V
VMAG = 0.5V
VMAG = 2V
Figure 21. Input Referred Noise vs. VDBS for Three Values of VMAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com