Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 9Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 10Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 11Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 12Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 13Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 14Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8330
Rev. C | Page 11 of 32
VDBS (V)
10
0
–50
–40
–30
0
1.6
–20
–10
0.2
0.6
1.0
1.4
1.2
0.8
0.4
f = 10MHz
23
–37
–27
–17
13
–7
3
Figure 28. Input Voltage 1 dBV vs. VDBS
VMAG (V)
20
0
–40
–30
–20
10
6
–10
0
13
5
4
2
f = 10MHz
33
–27
–17
–7
23
3
13
Figure 29. Output Voltage 1 dB vs. VMAG
FREQUENCY (Hz)
0
1M
–90
–80
–70
–10
100M
–60
–20
10M
–50
–40
–30
VDBS = 0.75V
VOUT = 1V p-p
Figure 30. IM3 Distortion vs. Frequency
15
20
0
10
0
30
5
25
0.2
VDBS (V)
0.6
0.8
1.0
0.4
1.4
1.2
1.6
13
18
8
33
28
3
23
f = 50MHz
f = 10MHz
Figure 31. OIP3 vs. VDBS
15
20
0
10
0
30
5
25
f = 10MHz
0.2
VMAG (V)
0.6
0.8
1.0
0.4
1.4
1.2
1.6
13
18
8
33
28
3
23
f = 50MHz
40
35
43
38
Figure 32. OIP3 vs. VMAG
TIME (ns)
1.5
–1.5
–1.0
–0.5
0
1.0
0.5
–50
–25
0
25
50
75
100
VDBS = 0V
Figure 33. Full-Scale Transient Response, VDBS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com