Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD8330
Rev. C | Page 19 of 32
Input Common-Mode Range and Rejection Ratio
Input Pin INHI and Pin INLO should be ac-coupled in most
applications to achieve the stated noise performance. When
direct coupling is used, care must be taken in setting the dc
voltage level at these inputs, in general, and particularly when
minimizing noise is critical. This objective is complicated by the
fact that the common-mode level varies with the basic gain
voltage, VDBS. Figure 55 shows this relationship for a supply
voltage of 5 V, for temperatures of −40°C, +25°C, and +85°C.
Figure 56 shows the input noise spectral density (RS = 0) vs. the
input common-mode voltage, for VDBS = 0.5 V, 0.6 V, 0.75 V, and
1.5 V. It is apparent that there is a broad range over which the
noise is unaffected by this dc level. The input CMRR is excellent
(see Figure 16).
VDBS (V)
0
2.6
3.2
3.1
3.0
2.9
2.8
2.7
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = +25°C
T = +85°C
T = –40°C
Figure 55. Common-Mode Voltage at Input Pins vs. VDBS, for VS = 5 V,
T = −40°C, + 25°C, and + 85°C
COMMON-MODE VOLTAGE AT INHI, INLO (V)
0
26
22
20
18
16
14
12
10
8
4
6
24
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8
VDBS = 1.5V
VDBS = 0.75V
VDBS = 0.6V
VDBS = 0.5V
SIMULATION
Figure 56. Input Noise vs. Common-Mode Input Voltage for
VDBS = 0.5 V, 0.6 V, 0.75 V, and 1.5 V
Output Noise and Peak Swing
The output noise of the AD8330 is the input noise multiplied by
the overall gain, including any optional change to the voltage,
VMAG, applied to Pin VMAG. The peak output swing is also
proportional to this voltage, which, at low gains and high values
of VMAG, affects the output noise.
The scaling for VDBS = 0 is as follows:
VOUT_PK = ±4 VMAG
(8)
VNOISE_OUT = (85 + 70 VMAG) nV/√Hz
(9)
For example, using a reduced value of VMAG = 0.25 V that lowers
all gain values by 6 dB, the peak output swing is ±1 V (differ
entially) and the output noise spectral density evaluates to
102.5 nV/√Hz. The peak output swing is no different at full
gain, but the noise becomes
VNOISE_OUT = (0.1 + 0.32 VMAG) μV/√Hz
(10)
for RS = 0 and VDBS = 1.5 V, assuming an input noise of 5 nV/√Hz.
The output noise for very small values of VMAG (at or below 15 mV)
is not precise, partly because the small input offset associated
with this interface has a large effect on the gain.
Offset Compensation
The AD8330 includes an offset compensation feature that is
operational in the default condition (no connection to Pin OFST).
This loop introduces a high-pass filter function into the signal
path, whose −3 dB corner frequency is at
(
)
HP
INT
HPF
C
R
f
π
=
2
1
(11)
where CHP is the external capacitance added from OFST to
CNTR, and RINT is an internal resistance of approximately
480 Ω, having a maximum uncertainty of about ±20%. This
evaluates to
HP
HPF
C
f
μ
=
330
(CHP in μF)
(12)
A small amount of peaking at this corner when using small
capacitor values can be avoided by adding a series resistor.
Useful combinations are CHP = 3 nF, RHP = 180 Ω , f = 100 kHz;
CHP = 33 nF, RHP = 10 Ω, f = 10 kHz; CHP = 0.33 μF, RHP = 0 Ω,
f = 1 kHz; CHP = 3.3 μF, RHP = 0 Ω, f = 100 Hz.
The offset compensation feature can be disabled simply by
grounding the OFST pin. This provides a dc-coupled signal
path, with no other effects on the overall ac response. Input
offsets must be externally nulled in this mode of operation, as
shown in Figure 58.
Effects of Loading on Gain and AC Response
The differential output impedance (RO) is 150 Ω, and the
frequency response of the output stage is optimized for
operation with a certain load capacitance on each output pin
(OPHI and OPLO) to ground, in combination with a load
resistance (RL) directly across these pins. In the absence of these
capacitances, there is a small amount of peaking at the top
extremity of the ac response. Suitable combinations are: RL = ∞,
CL = 12 pF; RL = 150 Ω, CL = 25 pF; RL = 75 Ω, CL = 40 pF;
RL = 50 Ω, CL = 50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com