Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8330ARQZ-R7 Datasheet HTML 10Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 11Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 12Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 13Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 14Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD8330
Rev. C | Page 14 of 32
THEORY OF OPERATION
CIRCUIT DESCRIPTION
Many monolithic variable gain amplifiers use techniques that
share common principles that are broadly classified as trans-
linear. This term refers to circuit cells whose functions depend
directly on the very predictable properties of bipolar junction
transistors, notably the linear dependence of their transcon-
ductance on collector current. Since the discovery of these
cells in 1967, and their commercial exploitation in products
developed during the early 1970s, accurate wide bandwidth
analog multipliers, dividers, and variable gain amplifiers have
invariably employed translinear principles.
Although these techniques are well understood, the realization
of a high performance variable gain amplifier (VGA) requires
special technologies and attention to many subtle details in
its design. The AD8330 is fabricated on a proprietary silicon-
on-insulator, complementary bipolar IC process and draws
on decades of experience in developing many leading edge
products using translinear principles to provide an unprecedented
level of versatility.
Figure 45 shows a basic representative cell comprising just four
transistors. This, or a very closely related form, is at the heart
of most translinear multipliers, dividers, and VGAs. The key
concepts are as follows: First, the ratio of the currents in the
left-hand and right-hand pairs of transistors is identical, rep-
resented by the modulation factor, x, with values between −1
and +1. Second, the input signal is arranged to modulate the
fixed tail current, ID, to cause the variable value of x, introduced
in the left-hand pair, to be replicated in the right-hand pair,
and, thus, generate the output by modulating its nominally
fixed tail current, IN. Third, the current gain of this cell is
exactly G = IN/ID over many decades of variable bias current.
In practice, the realization of the full potential of this circuit
involves many other factors, but these three elementary ideas
remain essential.
By varying IN, the overall function is that of a two-quadrant
analog multiplier, exhibiting a linear relationship to both the
signal modulation factor (x) and this numerator current. On the
other hand, by varying ID, a two-quadrant analog divider is
realized, having a hyperbolic gain function with respect to the
input factor, x, controlled by this denominator current. The
AD8330 exploits both modes of operation. However, since a
hyperbolic gain function is generally of less value than one in
which the decibel gain is a linear function of a control input, a
special interface is included to provide either increasing or
decreasing exponential control of ID.
INPUT IS xlD
DENOMINATOR
BIAS CURRENT
ID
Q1
Q2
Q4
Q3
(1–x) ID
2
+–
LOOP
AMPLIFIER
(1–x) IN
2
NUMERATOR
BIAS CURRENT
IN
OUTPUT IS xlN
G = IN/ID
(1+x) IN
2
(1–x) ID
2
Figure 45. Basic Core
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
R
T
N
C
L
B
N
EVPOS
BIAS AND
VREF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
AD8330
Figure 46. Block Schematic
Overall Structure
Figure 46 shows a block schematic of the AD8330 locating the
key sections. More detailed descriptions of its structure and
features are provided throughout the Theory of Operation
section; however, Figure 46 provides a general overview of its
capabilities.
The VGA core contains a more elaborate version of the cell
shown in Figure 45. The current, ID, is controlled exponentially
(linear-in-decibels) through the decibel gain interface at
Pin VDBS and its local common, Pin CMGN. The gain span
(that is, the decibel difference between maximum and
minimum values) provided by this control function is slightly
more than 50 dB. The absolute gain from input to output is a
function of source and load impedance, and also depends on
the voltage on a second gain control pin (VMAG), explained in
the Normal Operating Conditions section.
Normal Operating Conditions
To minimize confusion, normal operating conditions are
defined as follows:
The input pins are voltage driven (the source impedance is
assumed to be zero);
The output pins are open circuited (the load impedance is
assumed to be infinite);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com